công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 85 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 85 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 81Page - Renesas Technology Corp M30623SC Datasheet HTML 82Page - Renesas Technology Corp M30623SC Datasheet HTML 83Page - Renesas Technology Corp M30623SC Datasheet HTML 84Page - Renesas Technology Corp M30623SC Datasheet HTML 85Page - Renesas Technology Corp M30623SC Datasheet HTML 86Page - Renesas Technology Corp M30623SC Datasheet HTML 87Page - Renesas Technology Corp M30623SC Datasheet HTML 88Page - Renesas Technology Corp M30623SC Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 231 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
84
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• Up count
• Counter value “000016” is transferred to reload register at measurement
pulse's effective edge and the timer continues counting
Count start condition
Count start flag is set (= 1)
Count stop condition
Count start flag is reset (= 0)
Interrupt request generation timing • When measurement pulse's effective edge is input (Note 1)
• When an overflow occurs. (Simultaneously, the timer Bi overflow flag
changes to “1”. The timer Bi overflow flag changes to “0” when the count
start flag is “1” and a value is written to the timer Bi mode register.)
TBiIN pin function
Measurement pulse input
Read from timer
When timer Bi register is read, it indicates the reload register’s content
(measurement result) (Note 2)
Write to timer
Cannot be written to
(3) Pulse period/pulse width measurement mode
In this mode, the timer measures the pulse period or pulse width of an external signal. (See Table 1.13.8.)
However, this function cannot be used since timer B1 does not have input port. Figure 1.13.19 shows the
timer Bi mode register in pulse period/pulse width measurement mode. Figure 1.13.20 shows the opera-
tion timing when measuring a pulse period. Figure 1.13.21 shows the operation timing when measuring
a pulse width.
Table 1.13.8. Timer specifications in pulse period/pulse width measurement mode
Figure 1.13.19. Timer Bi mode register in pulse period/pulse width measurement mode
Note 1: An interrupt request is not generated when the first effective edge is input after the timer has started counting.
Note 2: The value read out from the timer Bi register is indeterminate until the second effective edge is input after the timer.
Timer Bi mode register
Symbol
Address
When reset
TBiMR(i=0 to 5)
039B16 to 039D16
00XX00002
035B16 to 035D16
00XX00002
Bit name
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode
select bit
1 0 : Pulse period / pulse width
measurement mode
b1 b0
TMOD1
TMOD0
MR0
Measurement mode
select bit
MR2
MR1
MR3
TCK1
TCK0
0
1
0 0 : Pulse period measurement (Interval between
measurement pulse's falling edge to falling edge)
0 1 : Pulse period measurement (Interval between
measurement pulse's rising edge to rising edge)
1 0 : Pulse width measurement (Interval between
measurement pulse's falling edge to rising edge,
and between rising edge to falling edge)
1 1 : Inhibited
Function
b3 b2
Count source
select bit
Timer Bi overflow
flag ( Note 1)
0 : Timer did not overflow
1 : Timer has overflowed
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
Note 1: The timer Bi overflow flag changes to “0” when the count start flag is “1” and a value is written to the
timer Bi mode register. This flag cannot be set to “1” by software.
Note 2: Timer B0, timer B3.
Note 3: Timer B1, timer B2, timer B4, timer B5.
0 (Fixed to “0” in pulse period/pulse width measurement mode; i = 0, 3)
(Note 2)
(Note 3)
Nothing is assigned (i = 1, 2, 4, 5).
In an attempt to write to this bit, write “0”. The value, if read, turns out to be
indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com