công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 36 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 36 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 32Page - Renesas Technology Corp M30623SC Datasheet HTML 33Page - Renesas Technology Corp M30623SC Datasheet HTML 34Page - Renesas Technology Corp M30623SC Datasheet HTML 35Page - Renesas Technology Corp M30623SC Datasheet HTML 36Page - Renesas Technology Corp M30623SC Datasheet HTML 37Page - Renesas Technology Corp M30623SC Datasheet HTML 38Page - Renesas Technology Corp M30623SC Datasheet HTML 39Page - Renesas Technology Corp M30623SC Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Protection
35
Protect register
Symbol
Address
When reset
PRCR
000A16
XXXXX0002
Bit name
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
0 : Write-inhibited
1 : Write-enabled
PRC1
PRC0
PRC2
Enables writing to processor mode
registers 0 and 1 (addresses 000416
and 000516)
Function
0 : Write-inhibited
1 : Write-enabled
Enables writing to system clock
control registers 0 and 1 (addresses
000616 and 000716
)
Enables writing to port P9 direction
register (address 03F316) and SI/Oi
control register (i=3,4) (addresses
036216 and 036616) (Note
)
0 : Write-inhibited
1 : Write-enabled
W
R
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be
indeterminate.
Note: Writing a value to an address after “1” is written to this bit returns the bit
to “0” . Other bits do not automatically return to “0” and they must therefore
be reset by the program.
Figure 1.9.6. Protect register
Protection
The protection function is provided so that the values in important registers cannot be changed in the event
that the program runs out of control. Figure 1.9.6 shows the protect register. The values in the processor
mode register 0 (address 000416), processor mode register 1 (address 000516), system clock control reg-
ister 0 (address 000616), system clock control register 1 (address 000716), port P9 direction register (ad-
dress 03F316) , SI/O3 control register (address 036216) and SI/O4 control register (address 036616) can
only be changed when the respective bit in the protect register is set to “1”. Therefore, important outputs
can be allocated to port P9.
If, after “1” (write-enabled) has been written to the port P9 direction register and SI/Oi control register
(i=3,4) write-enable bit (bit 2 at address 000A16), a value is written to any address, the bit automatically
reverts to “0” (write-inhibited). However, the system clock control registers 0 and 1 write-enable bit (bit 0 at
000A16) and processor mode register 0 and 1 write-enable bit (bit 1 at 000A16) do not automatically return
to “0” after a value has been written to an address. The program must therefore be written to return these
bits to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com