công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 31Page - Renesas Technology Corp M30623SC Datasheet HTML 32Page - Renesas Technology Corp M30623SC Datasheet HTML 33Page - Renesas Technology Corp M30623SC Datasheet HTML 34Page - Renesas Technology Corp M30623SC Datasheet HTML 35Page - Renesas Technology Corp M30623SC Datasheet HTML 36Page - Renesas Technology Corp M30623SC Datasheet HTML 37Page - Renesas Technology Corp M30623SC Datasheet HTML 38Page - Renesas Technology Corp M30623SC Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 231 page
background image
Power control
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
34
Figure 1.9.5. State transition diagram of Power control mode
Transition of stop mode, wait mode
Transition of normal mode
Reset
Medium-speed mode
(divided-by-8 mode)
Interrupt
CM10 = “1”
All oscillators stopped
CPU operation stopped
Medium-speed mode
(divided-by-8 mode)
BCLK : f(XIN)/8
CM07 = “0” CM06 = “1”
Low-speed mode
High-speed mode
Main clock is oscillating
Sub clock is stopped
Main clock is oscillating
Sub clock is stopped
Main clock is stopped
Sub clock is oscillating
Main clock is oscillating
Sub clock is oscillating
Low power dissipation mode
High-speed/medium-
speed mode
Low-speed/low power
dissipation mode
Normal mode
Stop mode
Stop mode
Stop mode
All oscillators stopped
All oscillators stopped
Wait mode
Wait mode
Wait mode
CPU operation stopped
CPU operation stopped
Interrupt
WAIT
instruction
Interrupt
WAIT
instruction
Interrupt
WAIT
instruction
CM10 = “1”
Interrupt
Interrupt
CM10 = “1”
BCLK : f(XIN)/2
CM07 = “0” CM06 = “0”
CM17 = “0” CM16 = “1”
Medium-speed mode
(divided-by-2 mode)
BCLK : f(XIN)/16
CM07 = “0” CM06 = “0”
CM17 = “1” CM16 = “1”
Medium-speed mode
(divided-by-16 mode)
BCLK : f(XIN)/4
CM07 = “0” CM06 = “0”
CM17 = “1” CM16 = “0”
Medium-speed mode
(divided-by-4 mode)
BCLK : f(XIN)
CM07 = “0” CM06 = “0”
CM17 = “0” CM16 = “0”
BCLK : f(XIN)/8
Medium-speed mode
(divided-by-8 mode)
CM07 = “0”
CM06 = “1”
High-speed mode
BCLK : f(XIN)/2
CM07 = “0” CM06 = “0”
CM17 = “0” CM16 = “1”
Medium-speed mode
(divided-by-2 mode)
BCLK : f(XIN)/16
CM07 = “0” CM06 = “0”
CM17 = “1” CM16 = “1”
Medium-speed mode
(divided-by-16 mode)
BCLK : f(XIN)/4
CM07 = “0” CM06 = “0”
CM17 = “1” CM16 = “0”
Medium-speed mode
(divided-by-4 mode)
BCLK : f(XIN)
CM07 = “0” CM06 = “0”
CM17 = “0” CM16 = “0”
BCLK : f(XCIN)
CM07 = “1”
BCLK : f(XCIN)
CM07 = “1”
Main clock is oscillating
Sub clock is oscillating
CM07 = “0”
(Note 1, 3)
CM07 = “0” (Note 1)
CM06 = “1”
CM04 = “0”
CM07 = “1”
(Note 2)
CM07 = “0” (Note 1)
CM06 = “0” (Note 3)
CM04 = “1”
CM07 = “1” (Note 2)
CM05 = “1”
CM05 = “0”
CM05 = “1”
CM04 = “0”
CM04 = “1”
CM06 = “0”
(Notes 1,3)
CM06 = “1”
CM04 = “0”
CM04 = “1”
(Notes 1, 3)
Note 1: Switch clock after oscillation of main clock is sufficiently stable.
Note 2: Switch clock after oscillation of sub clock is sufficiently stable.
Note 3: Change CM06 after changing CM17 and CM16.
Note 4: Transit in accordance with arrow.
(Refer to the following for the transition of normal mode.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com