công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 157 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 157 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 153Page - Renesas Technology Corp M30623SC Datasheet HTML 154Page - Renesas Technology Corp M30623SC Datasheet HTML 155Page - Renesas Technology Corp M30623SC Datasheet HTML 156Page - Renesas Technology Corp M30623SC Datasheet HTML 157Page - Renesas Technology Corp M30623SC Datasheet HTML 158Page - Renesas Technology Corp M30623SC Datasheet HTML 159Page - Renesas Technology Corp M30623SC Datasheet HTML 160Page - Renesas Technology Corp M30623SC Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 231 page
background image
Electrical characteristics (Vcc = 5V)
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
156
Table 1.20.3. Electrical characteristics (referenced to VCC = 5V, VSS = 0V at Ta = 25oC, f(XIN) =
16MHz unless otherwise specified)
Symbol
VOH
VOH
HIGH output
voltage
VOH
VOL
LOW output
voltage
LOW output
voltage
VOL
LOW output
voltage
VOL
IIH
I IL
VRAM
HIGH output
voltage
HIGH output
voltage
VT+-VT-
VT+-VT-
V
V
4.7
V
XOUT
3.0
3.0
V
2.0
0.45V
V
XOUT
2.0
2.0
0.2
0.8
V
0.2
1.8
V
5.0
µA
µA
2.0
V
3.0
Parameter
IOH=–5mA
IOH=–1mA
IOH=–200µA
IOH=–0.5mA
IOL=5mA
IOL=1mA
IOL=200µA
IOL=0.5mA
P00 to P07, P20 to P27,
P00 to P07, P20 to P27, P30 to P37,
P30 to P37, P40 to P43, P50 to P57,
P40 to P43, P50 to P57, P60 to P67,
P60 to P67, P76, P77, P80 to P84,
RESET
TA0IN, TA3IN, TA4IN,
ADTRG, CTS0, CTS1, CLK0,CLK1, CLK3,
TB0IN, TB2IN to TB5IN, INT0 to INT2,
VI=5V
VI=0V
–5.0
P00 to P07, P20 to P27,
P30 to P37, P40 to P43, P50 to P57,
P60 to P67, P76, P77, P80 to P84,
HIGHPOWER
LOWPOWER
P86, P87, P90, P92 to P97, P100 to P107
HIGHPOWER
LOWPOWER
P70, P71, P76, P77, P80 to P84,
P86, P87, P90, P92 to P97, P100 to P107
P86, P87, P90, P92 to P97, P100 to P107
HIGHPOWER
LOWPOWER
XCOUT
3.0
1.6
V
P00 to P07, P20 to P27, P30 to P37,
P40 to P43, P50 to P57, P60 to P67,
P70, P71, P76, P77, P80 to P84,
P86, P87, P90, P92 to P97, P100 to P107
R fXIN
R fCXIN
XIN
XCIN
6.0
1.0
MΩ
MΩ
P00 to P07, P20 to P27, P30 to P37,
P40 to P43, P50 to P57, P60 to P67,
P70, P71, P76, P77, P80 to P87,
P90, P92 to P97, P100 to P107,
XIN, RESET, CNVss (BYTE)
P00 to P07, P20 to P27, P30 to P37,
P40 to P43, P50 to P57, P60 to P67,
P76, P77, P80 to P87,
P90, P92 to P97, P100 to P107,
XIN, RESET, CNVss (BYTE)
R PULLUP
P00 to P07, P20 to P27, P30 to P37,
P40 to P43, P50 to P57, P60 to P67,
P76, P77, P80 to P84, P86,P87,
P90, P92 to P97, P100 to P107
50.0
KΩ
V
XCOUT
0
0
HIGHPOWER
LOWPOWER
LOW output
voltage
CLK4, TA3OUT, TA4OUT, NMI, KI0 to KI3,
Icc
mA
30.0
50.0
1.0
µA
20.0
4.0
µA
90.0
µA
mA
35.0
Flash memory 5V
version
Flash memory 5V
version
8.0mA
50.0
Flash memory 5V
version
90.0
µA
Standard
Typ.
Max.
Unit
Min.
HIGH output
voltage
Hysteresis
Hysteresis
HIGH input
current
LOW input
current
Pull-up
resistance
Feedback resistance
Feedback resistance
RAM retention voltage
Power supply current
The output pins
are open and
other pins are
VSS
EPROM, One time PROM,
mask ROM versions
Measuring condition
When clock is stopped
With no load applied
With no load applied
With no load applied
With no load applied
EPROM, One time PROM,
mask ROM versions
f(XIN)=16MHz
f(XCIN)=32kHz
Square wave, no division
Square wave
f(XIN)=16MHz
Square wave, no division
f(XCIN)=32kHz
Square wave, in RAM
f(XCIN)=32kHz
Ta=85°C
when clock is stopped
Ta=25°C
when clock is stopped
When a WAIT instruction
is executed (Note)
f(XCIN)=32kHz
Square wave, in flash memory
SIN4, RXD0 to RXD2
VCC = 5V
Note : With one timer operated using fC32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com