công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411D bảng dữ liệu(PDF) 40 Page - Texas Instruments

tên linh kiện TMP411D
Giải thích chi tiết về linh kiện  TMP411-Q1 ±1°C and TMP411D-Q1 ±0.8°C Remote and Local Temperature Sensors with N-Factor and Series Resistance Correction
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411D bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button TMP411D Datasheet HTML 36Page - Texas Instruments TMP411D Datasheet HTML 37Page - Texas Instruments TMP411D Datasheet HTML 38Page - Texas Instruments TMP411D Datasheet HTML 39Page - Texas Instruments TMP411D Datasheet HTML 40Page - Texas Instruments TMP411D Datasheet HTML 41Page - Texas Instruments TMP411D Datasheet HTML 42Page - Texas Instruments TMP411D Datasheet HTML 43Page - Texas Instruments TMP411D Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMP411-Q1 and TMP411D-Q1 only require a transistor connected between the D+ and D– pins for remote
temperature measurement. Tie the D+ pin to D- if the remote channel is not used and only the local temperature
is measured. The SDA, ALERT, and THERM pins (and SCL, if driven by an open-drain output) require pullup
resistors as part of the communication bus. TI recommends using a 0.1µF power-supply decoupling capacitor for
local bypassing. Figure 9-1 illustrates the typical configurations for the TMP411-Q1 and TMP411D-Q1. For V+
≥ 2.7V as shown in Figure 9-1, TMP411-Q1 and TMP411D-Q1 digital pins (4, 6, 7, and 8) can be connected to
a separate I2C pullup and supply voltage due to fixed logic input voltages. However, for V+ < 2.7V as shown in
Figure 9-2, TMP411D-Q1 digital pins (SCL, SDA) must be connected to an equal I2C pullup and supply voltage
due to ratiometric logic input voltages (30%/70% of V+ pin).
TMP411-Q1
TMP411D-Q1
D+
D–
SCL
SDA
GND
V+
Processor or ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
2.7V to 5.5V
2.7V to 5.5V
Fixed
VIH/VIL
Built-In Thermal
Transistor, Diode
Overtemperature
Shutdown
THERM
THERM2
ALERT /
Figure 9-1. TMP411-Q1 and TMP411D-Q1 Simplified Block Diagram (Separate I2C Pullup and Supply
Voltage Application While V+ ≥ 2.7V)
TMP411D-Q1
D+
D–
SCL
SDA
GND
V+
Processor or ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
Built-In Thermal
Transistor, Diode
Overtemperature
Shutdown
THERM
THERM2
ALERT /
1.62V to 2.7V
VIH/VIL: 0.7/0.3 V+
Figure 9-2. TMP411D-Q1 Simplified Block Diagram (Equal I2C Pullup and Supply Voltage Application
While V+ < 2.7V)
TMP411-Q1, TMP411D-Q1
SBOS527G – DECEMBER 2010 – REVISED SEPTEMBER 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411-Q1 TMP411D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com