| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679E bảng dữ liệu(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E bảng dữ liệu(HTML) 112 Page - STMicroelectronics |
|
112 / 127 page ![]() Symbol Parameter Comments / Conditions Min Typ Max Unit T_s2_end_open Slot 2 End valid window, opening time Related to t0, Sensor Side, P10P-500-4H 177.5 - 205 μs T_s2_end_closure Slot 2 End valid window, closure time Related to t0, Sensor Side, P8P-500-3L 302.8 - 342.1 μs Related to t0, Sensor Side, P8P-500-3H 271.6 - 308.0 μs Related to t0, Sensor Side, P8P-500-4H 225.4 - 256.5 μs Related to t0, Sensor Side, P10P-500-3L 319.6 - 360.5 μs Related to t0, Sensor Side, P10P-500-3H 282.7 - 320.0 μs Related to t0, Sensor Side, P10P-500-4H 236.5 - 269.0 μs T_s3_end_open Slot 3 End valid window, opening time Related to t0, Sensor Side, P8P-500-3L 365.1 - 412.5 μs Related to t0, Sensor Side, P8P-500-3H 339.4 - 384.3 μs Related to t0, Sensor Side, P8P-500-4H 263.9 - 300.9 μs Related to t0, Sensor Side, P10P-500-3L 378.9 - 427.7 μs Related to t0, Sensor Side, P10P-500-3H 348.5 - 394.3 μs Related to t0, Sensor Side, P10P-500-4H 273.0 - 311 μs T_s3_end_closure Slot 3 End valid window, closure time Related to t0, Sensor Side, P8P-500-3L 465.9 - 522.7 μs Related to t0, Sensor Side, P8P-500-3H 434.7 - 488.0 μs Related to t0, Sensor Side, P8P-500-4H 342.5 - 386.1 μs Related to t0, Sensor Side, P10P-500-3L 482.7 - 541.1 μs Related to t0, Sensor Side, P10P-500-3H 445.9 - 500.0 μs Related to t0, Sensor Side, P10P-500-4H 353.7 - 398.2 μs TSYNC_DLY_SHORT Sync pulse start delay SYS_CFG(RSU_SYNCPULSE_SHIFT_CONF)=1 Related to digital command that starts Sync Pulse on ch. N-1 - 160/ FOSC(typ) - μs TSYNC_DLY_LONG Sync pulse start delay SYS_CFG(RSU_SYNCPULSE_SHIFT_CONF)=0 Related to digital command that starts Sync Pulse on ch. N-1 - 288/ FOSC(typ) - μs TFLT_OPEN_RSU Open detection deglitch filter time - 10 - 15 µs TFLT_LKG_RSU Leakage deglitch filter time - 10 - 15 µs TWRITE_EN_DELAY_LF Data register write delay Design info F = 125 kbaud Calculated from transition of last sensor data bit to when data is available in SPI register 9 - 19 µs TWRITE_EN_DELAY_HF Data register write delay Design info F = 189 kbaud Calculated from transition of last sensor data bit to when data is available in SPI register 6 - 14 µs L9679E Electrical characteristics DS12485 - Rev 8 page 112/127 |