| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679E bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 127 page ![]() [9:8] 00 00 00 VRCM[1:0]: Voltage regulator current monitor control Updated by SSM_RESET or SPI write 00: VRCM not connected 01: VRCM connected to SFx of channel selected by LEAK_CHSEL[3:0] 10: VRCM connected to SRx of channel selected by LEAK_CHSEL[3:0] and pull down current of the same channel disabled 11: VRCM connected to SRx of channel selected by LEAK_CHSEL[3:0] and pull down current of the same channel enabled (ISINK and ISRC must be switched off) [7:4] 0000 0000 0000 RES_MEAS_CHSEL[3:0]: Squib/Pyroswitch resistance measurement channel select - selects the channel and muxes for the resistance test, and the channel for HS driver test (full path fet test) activation Updated by SSM_RESET or SPI write 0000: Channel 0 0001: Channel 1 0010: Channel 2 0011: Channel 3 0100: Channel 4 0101: Channel 5 0110: Channel 6 0111: Channel 7 0100 - 1111 None Selected [3:0] 0000 0000 0000 LEAK_CHSEL[3:0]: Squib/Pyroswitch Leakage Measurement Channel select - selects the channel and muxes for the leakage test, and the channel for HS/LS FET test activation. Updated by SSM_RESET or SPI write 0000: Channel 0 0001: Channel 1 0010: Channel 2 0011: Channel 3 0100 : Channel 4 0101: Channel 5 0110: Channel 6 0111: Channel 7 0100 - 1111: None Selected L9679E SPI interface DS12485 - Rev 8 page 49/127 |