| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679E bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 127 page ![]() RID / WID Hex R/W Name Description Operating state(1) 0 0 1 1 1 0 1 0 0x3A R/W DIAGCTRL_A In WID is A to D converter control register A. In RID is A to D result A request. √ √ 0 0 1 1 1 0 1 1 0x3B R/W DIAGCTRL_B In WID is A to D converter control register B. In RID is A to D result B request. √ √ 0 0 1 1 1 1 0 0 0x3C R/W DIAGCTRL_C In WID is A to D converter control register C. In RID is A to D result C request. √ √ 0 0 1 1 1 1 0 1 0x3D R/W DIAGCTRL_D In WID is A to D converter control register D. In RID is A to D result D request. √ √ 0 0 1 1 1 1 1 0 0x3E 0 0 1 1 1 1 1 1 0x3F 0 1 0 0 0 0 0 0 0x40 0 1 0 0 0 0 0 1 0x41 0 1 0 0 0 0 1 0 0x42 0 1 0 0 0 0 1 1 0x43 0 1 0 0 0 1 0 0 0x44 0 1 0 0 0 1 0 1 0x45 0 1 0 0 0 1 1 0 0x46 0 1 0 0 0 1 1 1 0x47 0 1 0 0 1 0 0 0 0x48 0 1 0 0 1 0 0 1 0x49 0 1 0 0 1 0 1 0 0x4A R/W RSCR0 PSI-5 configuration register √ 0 1 0 0 1 0 1 1 0x4B R/W RSCR1 √ 0 1 0 0 1 1 0 0 0x4C R/W RSCR2 √ 0 1 0 0 1 1 0 1 0x4D R/W RSCR3 √ 0 1 0 0 1 1 1 0 0x4E R/W RSCTRL Remote sensor control register √ √ 0 1 0 0 1 1 1 1 0x4F 0 1 0 1 0 0 0 0 0x50 0 1 0 1 0 0 0 1 0x51 0 1 0 1 0 0 1 0 0x52 0 1 0 1 0 0 1 1 0x53 0 1 0 1 0 1 0 0 0x54 0 1 0 1 0 1 0 1 0x55 L9679E SPI interface DS12485 - Rev 8 page 20/127 |