| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679E bảng dữ liệu(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E bảng dữ liệu(HTML) 91 Page - STMicroelectronics |
|
91 / 127 page ![]() ADC Request (ADCREQx) Voltage Measurement Selection ADC Results (ADCRESx) Bit[6:0] Hex Bit[9:0] 0 1 0 0 0 0 0 0x20 0 1 0 0 0 0 1 0x21 0 1 0 0 0 1 0 0x22 Internal analog supply voltage (VINT3V3) VINT3V3 0 1 0 0 0 1 1 0x23 Internal digital supply voltage (CVDD) CVDD 0 1 0 0 1 0 0 0x24 0 1 0 0 1 0 1 0x25 VSYNC pin voltage VSYNC 0 1 0 0 1 1 0 0x26 0 1 0 0 1 1 1 0x27 VSAT voltage VSAT 0 1 0 1 0 0 0 0x28 VCC voltage VCC 0 1 0 1 0 0 1 0x29 0 1 0 1 0 1 0 0x2A 0 1 0 1 0 1 1 0x2B TEST pin voltage TEST 0 1 0 1 1 0 0 0x2C 0 1 0 1 1 0 1 0x2D 0 1 0 1 1 1 0 0x2E 0 1 0 1 1 1 1 0x2F 0 1 1 0 0 0 0 0x30 0 1 1 0 0 0 1 0x31 0 1 1 0 0 1 0 0x32 RSU0 pin Voltage RSU0 0 1 1 0 0 1 1 0x33 RSU1 pin Voltage RSU1 0 1 1 0 1 0 0 0x34 RSU2 pin Voltage RSU2 0 1 1 0 1 0 1 0x35 RSU3 pin Voltage RSU3 0 1 1 0 1 1 0 0x36 SS0 pin voltage SS0 0 1 1 0 1 1 1 0x37 SS1 pin voltage SS1 0 1 1 1 0 0 0 0x38 SS2 pin voltage SS2 0 1 1 1 0 0 1 0x39 SS3 pin voltage SS3 0 1 1 1 0 1 0 0x3A SS4 pin voltage SS4 0 1 1 1 0 1 1 0x3B SS5 pin voltage SS5 0 1 1 1 1 0 0 0x3C SS6 pin voltage SS6 0 1 1 1 1 0 1 0x3D SS7 pin voltage SS7 0 1 1 1 1 1 0 0x3E 0 1 1 1 1 1 1 0x3F 1 0 0 0 0 0 0 0x40 1 0 0 0 0 0 1 0x41 1 0 0 0 0 1 0 0x42 1 0 0 0 0 1 1 0x43 1 0 0 0 1 0 0 0x44 1 0 0 0 1 0 1 0x45 L9679E System voltage diagnostics DS12485 - Rev 8 page 91/127 |