công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9679E bảng dữ liệu(PDF) 92 Page - STMicroelectronics

tên linh kiện L9679E
Giải thích chi tiết về linh kiện  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E bảng dữ liệu(HTML) 92 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 88Page - STMicroelectronics L9679E Datasheet HTML 89Page - STMicroelectronics L9679E Datasheet HTML 90Page - STMicroelectronics L9679E Datasheet HTML 91Page - STMicroelectronics L9679E Datasheet HTML 92Page - STMicroelectronics L9679E Datasheet HTML 93Page - STMicroelectronics L9679E Datasheet HTML 94Page - STMicroelectronics L9679E Datasheet HTML 95Page - STMicroelectronics L9679E Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 127 page
background image
ADC Request (ADCREQx)
Voltage Measurement
Selection
ADC Results
(ADCRESx)
Bit[6:0]
Hex
Bit[9:0]
1
0
0
0
1
1
0
0x46
SF0 pin voltage
SF0
1
0
0
0
1
1
1
0x47
SF1 pin voltage
SF1
1
0
0
1
0
0
0
0x48
SF2 pin voltage
SF2
1
0
0
1
0
0
1
0x49
SF3 pin voltage
SF3
1
0
0
1
0
1
0
0x4A
SF4 pin voltage
SF4
1
0
0
1
0
1
1
0x4B
SF5 pin voltage
SF5
1
0
0
1
1
0
0
0x4C
SF6 pin voltage
SF6
1
0
0
1
1
0
1
0x4D
SF7 pin voltage
SF7
1
0
0
1
1
1
0
0x4E
1
0
0
1
1
1
1
0x4F
1
0
1
0
0
0
0
0x50
1
0
1
0
0
0
1
0x51
Proper scaling is necessary for various measurements. The divider ratios vary by measurement and are
summarized by function in the table below.
Table 15. Diagnostics divider ratios
Measurements
Divider Ratio
15:1
10:1
7:1
4:1
1:1
SSxy
√
SFx
√
VSYNC
√
VSAT
√
TEST
√
RSUx
√
VCC
√
CVDD
√
VINT3V3
√
Bandgap (VBG1/VBG2)
√
For measurements other than voltage (current, resistance, temperature etc.) the ranges are specified in the
electrical parameters section of the relevant block.
10.1
Analog-to-digital algorithmic converter
The device hosts one integrated 10-bit analog-to-digital converter, running at a clock frequency of 16 MHz. The
ADC output is processed by a D-to-D converter with the following functions:
•
Use of trimming bits to recover additional gain error due to resistor dividers mismatch;
•
Digital low-pass filtering;
•
Conversion from 12 to 10 bits.
L9679E
System voltage diagnostics
DS12485 - Rev 8
page 92/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More