| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679E bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 127 page ![]() [13:10] 0000 0000 0000 LCID[0:3]: Logical Channel ID Updated based on SPI read request 0000: RSU0 SLOT1 0001: RSU0 SLOT2 0010: RSU0 SLOT3 0100: RSU1 SLOT1 0101: RSU1 SLOT2 0110: RSU1 SLOT3 1000: RSU2 SLOT1 1001: RSU2 SLOT2 1010: RSU2 SLOT3 1100: RSU3 SLOT1 1101: RSU3 SLOT2 1110: RSU3 SLOT3 [9] 0 0 0 STG: Short to ground (in current limit condition) Cleared by SSM_RESET or when channel is commanded OFF via SPI RSCTRL 0: No fault 1: Fault [8] 0 0 0 STB: Short to Battery Cleared by SSM_RESET or SPI read or when channel is commanded OFF via SPI RSCTRL Not cleared by channel OFF caused by STG or RSTEMP Set when channel voltage exceeds SATBUCK for a time greater than TSTBTH 0: No fault 1: Fault [7] 0 0 0 CURRENT_HI: Current high Cleared by SSM_RESET or SPI read or when channel is commanded OFF via SPI RSCTRL Set when channel current exceeds ITHGND for a time determined by an up/down counter 0: No fault 1: Fault [6] 0 0 0 OPENDET: Open sensor detected Cleared by SSM_RESET or SPI read or when channel is commanded OFF via SPI RSCTRL Set when channel current exceeds ITHOPEN for a time determined by an up/down counter 0: No fault 1: Fault [5] 0 0 0 RSTEMP: Over temperature detected Cleared by SSM_RESET or when channel is commanded OFF via SPI RSCTRL Set when over-temp condition is detected 0: No fault 1: Fault [4] 0 0 0 INVALID: Invalid Data L9679E SPI interface DS12485 - Rev 8 page 64/127 |