| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679E bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 127 page ![]() The L9679E checks the validity of the received WID and RID fields in the MOSI_G frame. Should an SPI write command with WID matching a writeable register be received in an illegal operating state, the command will be discarded and the ERR_WID bit will be flagged in the next Global Status Word GSW. The ERR_WID flag is not set in case WID addresses a read/only register. Should a SPI read command be received containing an unused RID address, the command will be discarded and the ERR_RID bit will be flagged in the current GSW. Table 7. Global SPI register map RID / WID Hex R/W Name Description Operating state(1) 0 0 0 0 0 0 0 0 0x00 R FLTSR Global fault status register 0 0 0 0 0 0 0 1 0x01 R/W SYS_CFG General system initialization √ 0 0 0 0 0 0 1 0 0x02 R/W SYS_CTL General system configuration √ √ √ 0 0 0 0 0 0 1 1 0x03 W SPI_SOFT_RES ET Command to trigger internal SSM reset √ √ √ 0 0 0 0 0 1 0 0 0x04 R SYS_STATE Read register to report in which operating state the device is 0 0 0 0 0 1 0 1 0x05 R POWER_STATE Power state register (feedback on voltage thresholds) 0 0 0 0 0 1 1 0 0x06 R/W DCR_0 Deployment configuration register √ √ 0 0 0 0 0 1 1 1 0x07 R/W DCR_1 √ √ 0 0 0 0 1 0 0 0 0x08 R/W DCR_2 √ √ 0 0 0 0 1 0 0 1 0x09 R/W DCR_3 √ √ 0 0 0 0 1 0 1 0 0x0A R/W DCR_4 √ √ 0 0 0 0 1 0 1 1 0x0B R/W DCR_5 √ √ 0 0 0 0 1 1 0 0 0x0C R/W DCR_6 √ √ 0 0 0 0 1 1 0 1 0x0D R/W DCR_7 √ √ 0 0 0 0 1 1 1 0 0x0E 0 0 0 0 1 1 1 1 0x0F 0 0 0 1 0 0 0 0 0x10 0 0 0 1 0 0 0 1 0x11 0 0 0 1 0 0 1 0 0x12 R/W DEPCOM Deployment command register √ 0 0 0 1 0 0 1 1 0x13 R DSR_0 Deployment status register 0 0 0 1 0 1 0 0 0x14 R DSR_1 0 0 0 1 0 1 0 1 0x15 R DSR_2 0 0 0 1 0 1 1 0 0x16 R DSR_3 0 0 0 1 0 1 1 1 0x17 R DSR_4 0 0 0 1 1 0 0 0 0x18 R DSR_5 0 0 0 1 1 0 0 1 0x19 R DSR_6 0 0 0 1 1 0 1 0 0x1A R DSR_7 0 0 0 1 1 0 1 1 0x1B L9679E SPI interface DS12485 - Rev 8 page 18/127 |