công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9679E bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện L9679E
Giải thích chi tiết về linh kiện  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 4Page - STMicroelectronics L9679E Datasheet HTML 5Page - STMicroelectronics L9679E Datasheet HTML 6Page - STMicroelectronics L9679E Datasheet HTML 7Page - STMicroelectronics L9679E Datasheet HTML 8Page - STMicroelectronics L9679E Datasheet HTML 9Page - STMicroelectronics L9679E Datasheet HTML 10Page - STMicroelectronics L9679E Datasheet HTML 11Page - STMicroelectronics L9679E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 127 page
background image
3
Pins description
The L9679E pinout is shown below. The IC is housed in a 48-pin package (7 x 7 x 1.0 mm) with 5x5 mm exposed
pad down.
Figure 1. Pinout diagram (top view)
1
2
3
5
6
4
7
8
9
10
18
11
12
19 20 21 22 23
48 47 46 45
43
44
42 41 40 39 38 37
30
29
28
26
25
27
35
36
34
33
31
32
13 14 15 16 17
24
SR4
SF4
SG45
SS45
SF5
SR5
SR0
SF0
SG01
SS01
SF1
SR1
SR3
SF3
SS23
SG23
SF2
SR2
SR7
SF7
SS67
SG67
SF6
SR6
GADG0203181236PS
L9679E
Pins description
DS12485 - Rev 8
page 8/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More