| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679E bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 127 page ![]() DEPCOM Deployment command 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MISO 0 0 0 0 0 0 0 0 0 0 0 0 ID: 12 Type: R/W Read: 1200 Write: 0024 POR WSM SSM [7:0] N/A N/A N/A CHxDEPREQ: Channel x Deploy Request - non-latched channel-specific deploy request 0: No change to deployment control for channel x 1: Clear and start Expiration timer if in ARMING or SAFING state and in DEPLOY_ENABLED state [7:0] 0 0 0 CHxDEP: Channel x deployment expiration timer enable Set when SPI_DEPCOM(CHxDEPREQ=1) AND in ARMING or SAFING state AND in DEP_ENABLED state Cleared on SSM_RESET OR when in DEP_DISABLED state OR when Deploy Expiration Timer x reaches timeout threshold 1: Expiration timer enabled - Deploy command still valid 0: Expiration Timer disabled - Deploy command no more valid L9679E SPI interface DS12485 - Rev 8 page 36/127 |