công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9679E bảng dữ liệu(PDF) 65 Page - STMicroelectronics

tên linh kiện L9679E
Giải thích chi tiết về linh kiện  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E bảng dữ liệu(HTML) 65 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 61Page - STMicroelectronics L9679E Datasheet HTML 62Page - STMicroelectronics L9679E Datasheet HTML 63Page - STMicroelectronics L9679E Datasheet HTML 64Page - STMicroelectronics L9679E Datasheet HTML 65Page - STMicroelectronics L9679E Datasheet HTML 66Page - STMicroelectronics L9679E Datasheet HTML 67Page - STMicroelectronics L9679E Datasheet HTML 68Page - STMicroelectronics L9679E Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 127 page
background image
Cleared by SSM_RESET or SPI read or when channel is commanded OFF via SPI RSCTRL or if
one of the following is set:
STG, STB, CURRENT_HI, OPEN_DET, RSTEMP, SLOT ERROR (PSI5) or if a new valid data is
received.
Set in PSI5 configuration when two valid start bits are received and a Manchester error (# of bits,
bit timing) or parity error is detected
0: No fault
1: Fault
[3]
1
1
1
NODATA: No Data in buffer
Cleared when a valid PSI5/WSS frame is received or if one of the following is set:
STG, STB, CURRENT_HI, OPEN_DET, RSTEMP, SLOT ERROR, PULSE OVERFLOW ERROR,
INVALID
Set upon SPI read of RSDRx and none of the following bits are set:
STG, STB, CURRENT_HI, OPEN_DET, RSTEMP, SLOT ERROR, PULSE OVERFLOW ERROR,
INVALID
0: No fault
1: Fault
[2]
0
0
0
SLOT ERROR: Slot error fault (valid only for PSI5 sensors)
Cleared by SSM_RESET or SPI read or when channel is commanded OFF via SPI RSCTRL or if
one of the following is set: STG, STB,
CURRENT_HI, OPEN_DET, RSTEMP or if a new valid data is received
Set in case of slot control enabled and frame not completely inside slot or more than one frame
inside the slot
0: No fault
1: Fault
L9679E
SPI interface
DS12485 - Rev 8
page 65/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com