| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679E bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 127 page ![]() [16:10] 0x00 0x00 0x00 ADCREQ_X[6:0]: ADC Request select command Updated by SSM_RESET or SPI write to DIAGCTRL_x measurement 0x00: Unused 0x01: ADC ground reference 0x02: ADC full scale reference 0x06: Squib/Pyroswitch x resistance 0x07: Internal BG reference voltage (BGR) 0x08: Internal BG monitor voltage (BGM) 0x09: Vcore 0x0A: Temperature 0x22: Internal analog supply voltage (VINT) 0x23: Internal digital supply voltage (VDD) 0x25: VSYNC pin voltage 0x27: VSAT voltage 0x28; VCC voltage 0x2B: TEST pin voltage 0x32: RSU0 pin Voltage 0x33; RSU1 pin Voltage 0x34; RSU2 pin Voltage 0x35: RSU3 pin Voltage 0x36: SS0 pin voltage 0x37: SS1 pin voltage 0x38: SS2 pin voltage 0x39: SS3 pin voltage 0x3A: SS4 pin voltage 0x3B; SS5 pin voltage 0x3C: SS6 pin voltage 0x3D: SS7 pin voltage 0x46: SF0 0x47: SF1 0x48: SF2 0x49: SF3 0x4A: SF4 0x4B: SF5 0x4C: SF6 0x4D: SF7 [9:0] 0x000 0x000 0x000 ADCRES_X[9:0]: 10-bit ADC result value corresponding to ADCREQ_x request Updated by SSM_RESET or ADC state machine L9679E SPI interface DS12485 - Rev 8 page 53/127 |