| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9679E bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 127 page ![]() POWER_STATE Power state register 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MISO 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID: 05 Type: R Read: 0500 Write: - POR WSM SSM [15] - - - VSAT_NOK: VSAT bad pin status Set base on voltage, cleared on SPI read 0: VSAT > VSAT_OK 1: VSAT < VSAT_OK [14] - - - VSINK_NOK: VSYNC bad pin status Set based on voltage, cleared on SPI read. At power-up (when VSAT goes up), this bit is not masked so will be set to 1 if VSYNC supply goes up later than VSAT. 1: VSYNC < VSYNC_OK 0: VSYNC > VSYNC_OK L9679E SPI interface DS12485 - Rev 8 page 33/127 |