| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS470MF06607 bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS470MF06607 bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 65 page ![]() TMS470MF06607 www.ti.com SPNS157C – JANUARY 2012 Table 3-10. Debug ROM contents for Debug ROM 1 (M3 ROM) (continued) ADDRESS OFFSET DESCRIPTION VALUE (see Table 3-9 ) 0x010 TPIU(1) 0xFFF4_1002 0x014 ETM(1) 0xFFF4_2002 0x018 Debug ROM 2 (CoreSight ROM) 0x1F90_1003 0x01C End of Table 0x0000_0000 0x020 - 0xEFC Unused 0x0000_0000 0xF00 - 0xFC8 Reserved 0x0000_0000 0xFCC MEMTYPE 0x0000_0001 0xFD0 PID4 0x0000_0000 0xFD4 PID5 0x0000_0000 0xFD8 PID6 0x0000_0000 0xFDC PID7 0x0000_0000 0xFE0 PID0 0x0000_0000 0xFE4 PID1 0x0000_0000 0xFE8 PID2 0x0000_0000 0xFEC PID3 0x0000_0000 0xFF0 CID0 0x0000_000D 0xFF4 CID1 0x0000_0010 0xFF8 CID2 0x0000_0005 0xFFC CID3 0x0000_00B1 (1) Cortex ™-M3 debug ROM always will have entries for optional components TPIU and ETM. Whether or not these components are present is determined by bit number 0 of the entry value. Table 3-11. Debug ROM contents for Debug ROM 2 (CoreSight ROM) ADDRESS OFFSET DESCRIPTION VALUE (see Table 3-9 ) 0x000 ETM-M3 0x0000_1003 0x004 HTM 0x0000_2003 0x008 Trace Funnel 0x0000_3003 0x00C TPIU 0x0000_4003 0x010 End of Table 0x0000_0000 0x014 - 0xEFC Unused 0x0000_0000 0xF00 - 0xFCC Reserved 0x0000_0000 0xFD0 PID4 0x0000_0000 0xFD4 PID5 0x0000_0000 0xFD8 PID6 0x0000_0000 0xFDC PID7 0x0000_0000 0xFE0 PID0 0x0000_0000 0xFE4 PID1 0x0000_0007 0xFE8 PID2 0x0000_0009 0xFEC PID3 0x0000_0000 0xFF0 CID0 0x0000_000D 0xFF4 CID1 0x0000_0010 0xFF8 CID2 0x0000_0005 0xFFC CID3 0x0000_00B1 Copyright © 2012, Texas Instruments Incorporated Device Configuration 27 Submit Documentation Feedback Product Folder Link(s): TMS470MF06607 |