công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 97 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 97 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 93Page - NXP Semiconductors S32Z2 Datasheet HTML 94Page - NXP Semiconductors S32Z2 Datasheet HTML 95Page - NXP Semiconductors S32Z2 Datasheet HTML 96Page - NXP Semiconductors S32Z2 Datasheet HTML 97Page - NXP Semiconductors S32Z2 Datasheet HTML 98Page - NXP Semiconductors S32Z2 Datasheet HTML 99Page - NXP Semiconductors S32Z2 Datasheet HTML 100Page - NXP Semiconductors S32Z2 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 155 page
background image
Table 50. PSI5...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
pulse trigger at the
SDOUT_PSI5_n pin
—
Delay jitter from last
bit of frame (CRC0)
to assertion of new
message received
interrupt 1
—
—
1
cycles
—
—
—
Delay jitter from
internal sync
pulse to sync
pulsetrigger at
the SDOUT_PSI5_n
pin. 2
—
—
+/-
(PSI5_1u
s_CLK +
XBAR_DI
V3_CLK)
cycles
—
—
DC
Duty Cycle 3
35
—
65
%
—
—
1. Measured in PSI5 clock cycles. Minimum PSI5 clock period is 20ns.
2. Output timing valid for maximum external load CL = 25 pF (includes PCB trace, package trace (around 1-2pF) and flash
input load).
3. PSI5 sensor input signals must meet the duty cycle requirement in order to be decoded properly.
14.4 Memories and Memory Interfaces
14.4.1 QuadSPI
14.4.1.1 QuadSPI interfaces
QuadSPI_0 supports interface (side) A. QuadSPI_1 supports two interfaces: A and B. These interfaces are not independent.
See the QuadSPI chapter of the Reference Manual about their use. The following table summarizes the specifications that each
interface supports.
Table 51. QuadSPI interfaces
QuadSPI
instance and
interface
1.8V Quad
1.8V Octal
1.8V
HyperFlash
1.8V
HyperRAM
3.3V Quad
3.3V Octal
3.3V
HyperRAM
QuadSPI_0
side A
DDR 80 MHz
SDR 133 MHz
DDR 166 MHz
DDR 200 MHz
SDR 133 MHz
DDR 133 and
166 MHz
DDR 200 MHz
DDR 166 MHz —
—
—
QuadSPI_1
side A
DDR 80 MHz
SDR 133 MHz
DDR 166 MHz
SDR 133 MHz
DDR 166 MHz DDR 166 MHz DDR 80 MHz
SDR 133 MHz
DDR 100 MHz DDR 100 MHz
QuadSPI_1
side B
—
—
—
—
SDR 50 MHz —
—
14.4.1.2 QuadSPI Quad 1.8V DDR 80MHz
The SRE[2:0]=100 for 18FAST and 33GPIO pads and SRE[2:0]=101 for 3318 pads is the required drive setting to meet the timing.
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
97 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com