công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 4Page - NXP Semiconductors S32Z2 Datasheet HTML 5Page - NXP Semiconductors S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors S32Z2 Datasheet HTML 11Page - NXP Semiconductors S32Z2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 155 page
background image
Table 1. Feature summary...continued
Feature
S32E2
S32Z2
Package: MAPBGA with
0.8 mm pitch
27 mm × 27 mm with 975 balls
21 mm × 21 mm with
594 balls
17 mm × 17 mm with
400 balls
TJ maximum = 150 °C
2 Ordering information
Product type/brand
GTM timer
Application family
32
E
2
7
A
M
7
R
A
Package code
Shipping method
Fab and revision of
digital and analog dies
XX
Temperature range
Product type
Flash memory size
13th character
Temperature range
M = -40°C to 125°C TA (150°C TJ)
V = -40°C to 105°C TA (125°C TJ)
1st character
Qualification status
P = Engineering prototype samples
S = Automotive qualified product
Family designation
Qualification status
S
4th character
Application family
Z = Discrete controller
E = Controller + actuation
5th character
Family designation
2 = 16 nm, 8-core
16th character
Shipping method
T = Tray
R = Tape and reel
11th character
Fab and revision of digital die
A = TSMC14, initial production version of digital die
2nd and 3rd characters
Product type/brand
32 = Automotive microcontroller/microprocessor
6th character
GTM 4.x timer
7 = Without GTM
8 = With GTM
7th character
Flash memory size: All S32Z2 devices have 0 MB.
0 = 0 MB
7 = 16 MB
8 = 32 MB
9 = 64 MB
1
8th character
Product type
A = Standard security
S = Premium security
14th and 15th characters
Package code
JE = 17 mm x 17 mm, 0.8 mm pitch, 400 MAPBGA
JF = 21 mm x 21 mm, 0.8 mm pitch, 594 MAPBGA
JG = 27 mm x 27 mm, 0.8 mm pitch, 975 MAPBGA
9th character
DSP/ML
A = No DSP/ML
B = DSP/ML
C
10
DSP/ML
Cortex-R52 core
frequency
12th character
Fab and revision of analog die
A = TSMC14B, initial production version of analog die
10th character
Arm Cortex-R52 core frequency
B = 600 MHz
C = 800 MHz
D = 900 MHz
E = 1 GHz
AA
2-3
4
5
6
7
8
9
11-12
13
14-15
16
Figure 2. Ordering information
3 Electrostatic Discharge (ESD) Characteristics
The following table gives the ESD ratings and test conditions for the device.
Table 2. Electrostatic Discharge (ESD) Characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
—
ESD Human Body
Model (HBM) 1,2,3
—
—
2000
V
All pins
—
—
ESD Charged
Device Model
(CDM) 1,2,4
—
—
250
V
All pins
—
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
8 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com