công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 69 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 69 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 65Page - NXP Semiconductors S32Z2 Datasheet HTML 66Page - NXP Semiconductors S32Z2 Datasheet HTML 67Page - NXP Semiconductors S32Z2 Datasheet HTML 68Page - NXP Semiconductors S32Z2 Datasheet HTML 69Page - NXP Semiconductors S32Z2 Datasheet HTML 70Page - NXP Semiconductors S32Z2 Datasheet HTML 71Page - NXP Semiconductors S32Z2 Datasheet HTML 72Page - NXP Semiconductors S32Z2 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 155 page
background image
Table 28. DFS...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fDFS_CORE_CLK0 Core DFS Output
Clock 0 Frequency 1
40
—
1000
MHz
CORE_DFS0_CLK, TJ
= 125 °C, part number
10th character = E and
13th character = V
—
fDFS_CORE_CLK1 Core DFS Output
Clock 1 Frequency
40
—
405
MHz
CORE_DFS1_CLK
—
fDFS_CORE_CLK2 Core DFS Output
Clock 2 Frequency
40
—
405
MHz
CORE_DFS2_CLK
—
fDFS_CORE_CLK3 Core DFS Output
Clock 3 Frequency
40
—
503
MHz
CORE_DFS3_CLK
—
fDFS_CORE_CLK4 Core DFS Output
Clock 4 Frequency
40
—
400
MHz
CORE_DFS4_CLK
—
fDFS_CORE_CLK5 Core DFS Output
Clock 5 Frequency
40
—
405
MHz
CORE_DFS5_CLK
—
fDFS_PER_CLK0
Peripheral DFS
Output Clock 0
Frequency
40
—
800
MHz
PERIPH_DFS0_CLK
—
fDFS_PER_CLK1
Peripheral DFS
Output Clock 1
Frequency
40
—
960
MHz
PERIPH_DFS1_CLK
—
fDFS_PER_CLK2
Peripheral DFS
Output Clock 2
Frequency
40
—
664
MHz
PERIPH_DFS2_CLK
—
fDFS_PER_CLK3
Peripheral DFS
Output Clock 3
Frequency
40
—
503
MHz
PERIPH_DFS3_CLK
—
fDFS_PER_CLK4
Peripheral DFS
Output Clock 4
Frequency
40
—
503
MHz
PERIPH_DFS4_CLK
—
fDFS_PER_CLK5
Peripheral DFS
Output Clock
5 Frequency
40
—
330
MHz
PERIPH_DFS5_CLK
—
PER_jitter
DFS Period Jitter 2,3 -30
—
30
ps
Even MFN
—
PER_jitter
DFS Period Jitter 2,3 -45
—
45
ps
fDFS_CLKIN = 2000
MHz, Odd MFN
—
PER_Jitter
DFS Period Jitter 2,3 -30
—
30
ps
fDFS_CLKIN = 2400
MHz, Odd MFN
—
PER_jitter
DFS Period Jitter 2,3 -60
—
60
ps
fDFS_CLKIN = 1300
MHz, Odd MFN
—
1. Part numbers with a 10th character other than E have a lower maximum frequency at TJ = 150 °C or 125 °C (13th
character = M or V). See the "Ordering information" section.
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
69 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com