công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 48 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 48 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 44Page - NXP Semiconductors S32Z2 Datasheet HTML 45Page - NXP Semiconductors S32Z2 Datasheet HTML 46Page - NXP Semiconductors S32Z2 Datasheet HTML 47Page - NXP Semiconductors S32Z2 Datasheet HTML 48Page - NXP Semiconductors S32Z2 Datasheet HTML 49Page - NXP Semiconductors S32Z2 Datasheet HTML 50Page - NXP Semiconductors S32Z2 Datasheet HTML 51Page - NXP Semiconductors S32Z2 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 155 page
background image
11 Aurora Specifications
11.1 Aurora Pads
Table 19. Aurora Pads
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fAURORA
Data Rate
0.05
—
5.0
Gbps
100Ω external
termination ( Not on
board but inside
receiver after AC
coupling )
—
IDD_HV_AUR
Transmitter HV
supply current
consumption (No
pre-emphasis)
18
22
31
mA
max fAURORA per
active transmit lane
—
IDD_HV_AUR
Transmitter HV
supply current
consumption (pre-
emphasis enabled ,
pre-
emphasis gain=11)
25
30
40
mA
max fAURORA per
active transmit lane
—
VOD_AURORA_
AC
Transmitter
Differential output
voltage (end
termination) 1,2,3
400
600
900
mV
max fAURORA,
100Ω termination,
100Ω differential
transmission line delay,
matched network
—
VOD_AURORA_
DC
DC range for the
VOD
(Transmitter Differen
tial Output Voltage)
800
—
—
mV
ipp_obe=1 DC
condition
—
VOD_AURORA_
AC_PRE_EMPH
Transmitter
Differential output
voltage (end
termination,
preemph=11) 1,2,4
600
900
1200
mV
max fAURORA,
100Ω termination,
100Ω differential
transmission line delay,
matched network
—
VCM_AURORA
Transmitter
Common mode
voltage
0.775
—
1.025
V
—
—
VCM_LVDS_RX
Receiver input signal
common mode
range
0.6
—
1.0
V
—
—
VDIFF_LVDS_RX
Receiver input
differential signal
400
—
—
mV
—
—
CLOAD_AURORA Maximum
transmission line
load ( Lumped Load
—
—
0.1
pF
—
—
Table continues on the next page...
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
48 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com