| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S32Z2 bảng dữ liệu(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32Z2 bảng dữ liệu(HTML) 64 Page - NXP Semiconductors |
|
64 / 155 page ![]() Table 26. Clock frequency ranges...continued Symbol Description Min Typ Max Unit Condition Spec Number fP4_PSI5_1US_ CLK PSI5 1us clock frequency — — 1.01 MHz P4_PSI5_1US_CLK — fP4_PSI5_S_ BAUD_CLK PSI5_S baud clock frequency — — 50.625 MHz P4_PSI5_S_BAUD_ CLK — fP4_PSI5_S_ CORE_CLK PSI5_S core clock frequency — — 25.3 MHz P4_PSI5_S_CORE_ CLK — fP4_PSI5_S_TRIG_ CLK0 PSI5_S_0 trigger clock 0 frequency — — 1.01 MHz P4_PSI5_S_TRIG_ CLK0 — fP4_PSI5_S_TRIG_ CLK1 PSI5_S_0 trigger clock 1 frequency — — 1.01 MHz P4_PSI5_S_TRIG_ CLK1 — fP4_PSI5_S_TRIG_ CLK2 PSI5_S_0 trigger clock 2 frequency — — 1.01 MHz P4_PSI5_S_TRIG_ CLK2 — fP4_PSI5_S_TRIG_ CLK3 PSI5_S_0 trigger clock 3 frequency — — 1.01 MHz P4_PSI5_S_TRIG_ CLK3 — fP4_PSI5_S_ UART_CLK PSI5_S UART clock frequency — — 50.625 MHz P4_PSI5_S_UART_ CLK — fP4_PSI5_S_UTIL_ CLK PSI5_S UTIL clock frequency — — 1.01 MHz P4_PSI5_S_UTIL_CLK — fP4_PSI5_S_ WDOG_CLK0 PSI5_S_0 watchdog clock 0 frequency — — 1.01 MHz P4_PSI5_S_WDOG_ CLK0 — fP4_PSI5_S_ WDOG_CLK1 PSI5_S_0 watchdog clock 1 frequency — — 1.01 MHz P4_PSI5_S_WDOG_ CLK1 — fP4_PSI5_S_ WDOG_CLK2 PSI5_S_0 watchdog clock 2 frequency — — 1.01 MHz P4_PSI5_S_WDOG_ CLK2 — fP4_PSI5_S_ WDOG_CLK3 PSI5_S_0 watchdog clock 3 frequency — — 1.01 MHz P4_PSI5_S_WDOG_ CLK3 — fP4_QSPI0_1X_ CLK QuadSPI_0 1X clock frequency — — 202.5 MHz P4_QSPI0_1X_CLK — fP4_QSPI0_2X_ CLK QuadSPI_0 2X clock frequency — — 405 MHz P4_QSPI0_2X_CLK — fP4_QSPI1_1X_ CLK QuadSPI_1 1X clock frequency — — 166.25 MHz P4_QSPI1_1X_CLK — fP4_QSPI1_2X_ CLK QuadSPI_1 2X clock frequency — — 332.5 MHz P4_QSPI1_2X_CLK — fP4_REG_INTF_ 2X_CLK P4 register interface 2x clock frequency — — 133.33 MHz P4_REG_INTF_2X_ CLK — fP4_REG_INTF_ CLK P4 register interface clock frequency — — 133.33 MHz P4_REG_INTF_CLK — Table continues on the next page... NXP Semiconductors S32E27 S32E2 Data Sheet S32E27 All information provided in this document is subject to legal disclaimers. © 2020 - 2024 NXP B.V. All rights reserved. Product Data Sheet Rev. 5 — 3 December 2024 64 / 155 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |