công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 95 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 95 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 91Page - NXP Semiconductors S32Z2 Datasheet HTML 92Page - NXP Semiconductors S32Z2 Datasheet HTML 93Page - NXP Semiconductors S32Z2 Datasheet HTML 94Page - NXP Semiconductors S32Z2 Datasheet HTML 95Page - NXP Semiconductors S32Z2 Datasheet HTML 96Page - NXP Semiconductors S32Z2 Datasheet HTML 97Page - NXP Semiconductors S32Z2 Datasheet HTML 98Page - NXP Semiconductors S32Z2 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 155 page
background image
1. In the equations provided for Min and Max values, tENET_CLK is the NETC system clock period in nanoseconds, EHOLD
and MDIO_HOLD are the actual values programmed into these register fields, and "MDC clock" is the MDC clock period in
nanoseconds.
MDC (output)
MDC14
MDC12 MDC13
MDC11
MDC10
MDC15
MDIO (output)
MDIO (input)
MDC00
Figure 49. MDC / MDIO Timing
14.3.8 SENT Interface
Table 48. SENT Interface
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tFALL
Maximum SENT
input signal fall time
transition 1,2,3,4
—
—
2.17
UI
SAE J2716 SENT
standard complied with
in the application, SAE
J2716 recommended
RC input filter used in
the application
—
1. Input hysteresis enabled on I/O pads with selectable enable/disable (per the SAE 2716 SENT standard). Does not apply to
pads without hysteresis control. In this case, the SENT module glitch filter should be used to reject false transitions. SRX
programmable filter should be set to a value closest to 1/10th of a bit time where the max value of 128 is sufficient for long
bit times.
2. By ensuring that the input fall transition is within the specification, SENT calibration and data bit errors are guaranteed
not to occur as a result of variation in the input switching threshold level of the SENT input pin on the device. Switching
threshold level variation is due to input signal noise, supply noise, and temperature drift.
3. This value is the ratio of the maximum 6.5uS fall time and minimum 3uS clock (UI), and assumes the transmit, clock, and
measurement error tolerances as defined by the SAE 2716 SENT standard.
4. SENT inputs are supported at 3.3V on the device, with assumption that the input levels scale linearly for the recommended
3.3V circuit in the SAE 2716 SENT standard. The device does not support 1.8V or 5V SENT inputs.
14.3.9 CAN
See GPIO pads for CAN specifications.
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
95 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com