công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 34 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 34 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 30Page - NXP Semiconductors S32Z2 Datasheet HTML 31Page - NXP Semiconductors S32Z2 Datasheet HTML 32Page - NXP Semiconductors S32Z2 Datasheet HTML 33Page - NXP Semiconductors S32Z2 Datasheet HTML 34Page - NXP Semiconductors S32Z2 Datasheet HTML 35Page - NXP Semiconductors S32Z2 Datasheet HTML 36Page - NXP Semiconductors S32Z2 Datasheet HTML 37Page - NXP Semiconductors S32Z2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 155 page
background image
Table 13. GPIO Pads...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_18
1.8V GPIO rise/fall
time 5,6,7
0.75
—
3.25
V/ns
SRE[2:0] = 101
—
TR_TF_18
1.8V GPIO rise/fall
time 5,6,7
0.75
—
3.25
V/ns
SRE[2:0] = 110
—
TR_TF_18
1.8V GPIO rise/fall
time 5,6,7
0.25
—
3.25
V/ns
SRE[2:0] = 111
—
TR_TF_33
3.3V GPIO rise/fall
time 5,6,7
1.90
—
9.0
V/ns
SRE[2:0] = 100
—
TR_TF_33
3.3V GPIO rise/fall
time 5,6,7
1.00
—
8.50
V/ns
SRE[2:0] = 101
—
TR_TF_33
3.3V GPIO rise/fall
time 5,6,7
0.50
—
7.30
V/ns
SRE[2:0] = 110
—
TR_TF_33
3.3V GPIO rise/fall
time 5,6,7
0.40
—
6.0
V/ns
SRE[2:0] = 111
—
VISE_33
3.3V GPIO pad
indeterminate state
end threshold
—
2.35
—
V
See 1.8V and 3.3V
GPIO pad detailed
behavior diagram
below
—
VISE_3318
1.8V/3.3V GPIO pad
indeterminate state
end threshold
—
1.53
—
V
See 1.8V/3.3V GPIO
pad detailed behavior
diagram below
—
VISE_18
1.8V GPIO pad
indeterminate state
end threshold
—
0.6
—
V
See 1.8V and 3.3V
GPIO pad detailed
behavior diagram
below
—
1. For current at this voltage see IOL/IOH specs respectively.
2. Fastest slew rate and lowest rise/fall time constraint required to meet high-speed interface timing such as QSPI, RGMII,
and uSDHC. Slower input transitions can be used for input signals with slow switching rates (<40 MHz).
3. The ISLEW has precedence over ITR_TF if the ITR_TF violates the implied range for a given ISLEW.
4. Input slew rate and rise/fall time limits must be adhered to in conjunction with the max input frequency limits given for
proper operation.
5. GPIO output transition time information can be obtained from the device IBIS model. IBIS models are recommended for
system level simulations, as discrete values for I/O transition times are not representative of the I/O pad behavior when
connected to an actual transmission line load.
6. I/O timing specifications are valid for the un-terminated 50ohm transmission line reference load given in the figure below.
A lumped 8pF load is assumed at the end of a 5 inch microstrip trace on standard FR4 with approximately 3.3pF/inch. For
signals with frequency greater than 63MHz, a maximum 2 inch PCB trace is assumed. For best signal integrity, the series
resistance in the transmission line should be matched closely to the selected RDSON of the I/O pad output.
7. Rise/fall time specifications are derived from simulation model for the defined operating points (between 20% and
80% of VDD_HV_IO level). Actual application rise/fall time should be extracted from IBIS model simulations with the
microcontroller models and application PCB. Actual application rise fall times extracted from simulation must meet the
TR_TF specification.
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
34 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com