công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 71 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 71 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 67Page - NXP Semiconductors S32Z2 Datasheet HTML 68Page - NXP Semiconductors S32Z2 Datasheet HTML 69Page - NXP Semiconductors S32Z2 Datasheet HTML 70Page - NXP Semiconductors S32Z2 Datasheet HTML 71Page - NXP Semiconductors S32Z2 Datasheet HTML 72Page - NXP Semiconductors S32Z2 Datasheet HTML 73Page - NXP Semiconductors S32Z2 Datasheet HTML 74Page - NXP Semiconductors S32Z2 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 155 page
background image
1. All specifications only valid for this frequency range if the correct FXOSC transconductance setting is used.
2. Recommended crystal frequencies are 20MHz, 24MHz, 25MHz and 40MHz.
3. The input clock signal should be symmetric around common mode voltage.
4. Account for on-chip stray capacitance (CS_XTAL) and PCB capacitance in the total XTAL/EXTAL pin load capacitance.
CS_XTAL don't include miller capacitance.
In crystal mode NX5032GA crystal at 20 MHz has a load cap of 8 pF and configure gm_sel[3:0]=4'b0100 and NX3225GA crystal
has a load cap of 8 pF and configure gm_sel[3:0]=4'b100.
In crystal mode NX5032GA crystal at 24 MHz has a load cap of 8 pF and configure gm_sel[3:0]=4'b0101 and NX3225GA has a
load cap of 8 pF and configure gm_sel[3:0]=4'b0110.
In crystal mode NX5032GA and NX3225GA crystal at 40 MHz (ALC enable) has a load cap of 8 pF and
configure gm_sel[3:0]=4'b1111.
In ALC disable mode the minimum crystal drive level should be greater than 500uW.
Duty cycle of the FXOSC clock when output on either the single-ended or LVDS CLKOUT pins is given in the I/O
pad specifications.
RGMII specifications require clock source to have tolerance of +/- 50ppm. When using this mode, the crystal selected for system
clock (FXOSC) should adhere to this specification.
14.1.5 FIRC
Table 30. FIRC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fFIRC
FIRC Target
Frequency
—
48
—
MHz
—
—
ðfVAR
FIRC Frequency
Variation 1
-5
—
5
%
Trimmed
—
TSTART
Startup Time
—
10
20
us
After valid supply level
reached
—
1. ðfVAR defines how much the output frequency can shift over the specified temperature and voltage ranges of the device
after initial factory trim.
14.1.6 SIRC
Table 31. SIRC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSIRC
SIRC Target
Frequency Trimmed
—
32
—
KHz
Trimmed
—
PTA
SIRC Trimming
Resolution 1
-1
—
1
%
Trimmed 32KHz, 25C,
0.8V Core
—
ðfVAR
SIRC Frequency
Variation 2
-5
—
5
%
Frequency variation
across voltage and
temperature range
after trimming.
—
TSTART
SIRC Startup Time
—
—
50
us
—
—
1. PTA defines how close the output frequency is to target after the initial factory trim.
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
71 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com