công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 67 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 67 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 63Page - NXP Semiconductors S32Z2 Datasheet HTML 64Page - NXP Semiconductors S32Z2 Datasheet HTML 65Page - NXP Semiconductors S32Z2 Datasheet HTML 66Page - NXP Semiconductors S32Z2 Datasheet HTML 67Page - NXP Semiconductors S32Z2 Datasheet HTML 68Page - NXP Semiconductors S32Z2 Datasheet HTML 69Page - NXP Semiconductors S32Z2 Datasheet HTML 70Page - NXP Semiconductors S32Z2 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 155 page
background image
Spread spectrum clock modulation is only available on the Core PLL and DDR reference PLLs.
Table 27. PLL
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fPLL_CLKIN
PLL Input Clock
Frequency 1
—
40
—
MHz
Before PLL input
divider.
—
fPLL_CLKIN_PFD
PLL Phase Detector
Clock Frequency 2
20
—
40
MHz
After PLL input divider. —
fPLL_CORE_VCO
Core PLL
VCO Frequency
Range 3,4,5,6
1300
—
2400
MHz
CORE_VCO_CLK,
without center-spread
SSCG enabled
—
fPLL_CORE_PHI0
Core PLL PHI0
Frequency 5,7
40
—
1000
MHz
CORE_PLL_PHI0_
CLK, without center-
spread SSCG enabled,
TJ = 125 °C, part
number 10th character
= E and 13th character
= V
—
fPLL_PER_VCO
Peripheral PLL VCO
Frequency Range
1300
—
2400
MHz
PERIPH_PLL_VCO_
CLK
—
fPLL_PER_PHI0
Peripheral PLL PHI0
Frequency
40
—
1620
MHz
PERIPH_PLL_PHI0_
CLK
—
fPLL_PER_PHI1
Peripheral PLL
PHI1 Frequency
40
—
102
MHz
PERIPH_PLL_PHI1_
CLK
—
fPLL_PER_PHI2
Peripheral PLL
PHI2 Frequency
40
—
120
MHz
PERIPH_PLL_PHI2_
CLK
—
fPLL_PER_PHI3
Peripheral PLL PHI3
Frequency
40
—
270
MHz
PERIPH_PLL_PHI3_
CLK
—
fPLL_PER_PHI4
Peripheral PLL PHI4
frequency
40
—
202.5
MHz
PERIPH_PLL_PHI4_
CLK
—
fPLL_PER_PHI5
Peripheral PLL
PHI5 Frequency
40
—
162
MHz
PERIPH_PLL_PHI5_
CLK
—
fPLL_PER_PHI6
Peripheral PLL PHI6
frequency
40
—
810
MHz
PERIPH_PLL_PHI6_
CLK
—
fPLL_DDR_VCO
DDR PLL VCO
Frequency Range 3,5
1300
—
1620
MHz
DDR_PLL_VCO_CLK,
without center-spread
SSCG enabled
—
fPLL_DDR_PHI0
DDR PLL PHI0
Frequency 8
266
—
266
MHz
DDR_PLL_PHI0_CLK
(1066 MT/s). No SSCG
support in this mode.
—
fPLL_DDR_PHI0
DDR PLL PHI0
Frequency 8
333
—
333
MHz
DDR_PLL_PHI0_CLK
(1333 MT/s). No SSCG
support in this mode.
—
Table continues on the next page...
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
67 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com