công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 53 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 53 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 49Page - NXP Semiconductors S32Z2 Datasheet HTML 50Page - NXP Semiconductors S32Z2 Datasheet HTML 51Page - NXP Semiconductors S32Z2 Datasheet HTML 52Page - NXP Semiconductors S32Z2 Datasheet HTML 53Page - NXP Semiconductors S32Z2 Datasheet HTML 54Page - NXP Semiconductors S32Z2 Datasheet HTML 55Page - NXP Semiconductors S32Z2 Datasheet HTML 56Page - NXP Semiconductors S32Z2 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 155 page
background image
Table 21. Aurora PLL...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
LT_jitter
Aurora PLL Long
Term Jitter
-120
—
120
ps
Saturated, 6-sigma
—
1. Refer to the LVDS Pad specifications for additional Aurora PLL reference clock electrical specifications. Also see " Aurora
Debug Port Timing" figure for fPLL_CLKIN as spec number 1.
2. 100MHz is the only input reference frequency supported for the Aurora PLL.
3. 40MHz is the only internal input reference frequency supported for the Aurora PLL.
4. It is Aurora PLL Input Reference Clock Frequency after pre-divider.
5. The Aurora PLL is only validated at the frequencies specified within this table - these frequencies correspond to the limited
set of Aurora data lane rates that are supported for the device.
12 Power Management
12.1 PMC Bandgap
Table 22. PMC Bandgap
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VBG_SCALED
Scaled version
of bandgap
reference voltage
measured by SAR
ADC 1
1.127
1.150
1.173
V
Both bandgap and
buffer are trimmed
—
1. ADC conversion error must be included when reading the bandgap reference voltage via the chip ADC.
12.2 AE PMC Regulator
Table 23. AE PMC Regulator
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
REG12_VDD12
1.2V Regulator DC
output voltage
1209
1273
1337
mV
Excluding transients,
trimmed
—
REG12_CLOAD
1.2V Regulator
external bypass
capacitor 1
1.1
2.2
—
uF
—
—
1. Degradation to 1.1uF is possible due to tolerance and aging.
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
53 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com