công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S32Z2 bảng dữ liệu(PDF) 52 Page - NXP Semiconductors

tên linh kiện S32Z2
Giải thích chi tiết về linh kiện  Introduction: S32E2/S32Z2 Family
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 bảng dữ liệu(HTML) 52 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 48Page - NXP Semiconductors S32Z2 Datasheet HTML 49Page - NXP Semiconductors S32Z2 Datasheet HTML 50Page - NXP Semiconductors S32Z2 Datasheet HTML 51Page - NXP Semiconductors S32Z2 Datasheet HTML 52Page - NXP Semiconductors S32Z2 Datasheet HTML 53Page - NXP Semiconductors S32Z2 Datasheet HTML 54Page - NXP Semiconductors S32Z2 Datasheet HTML 55Page - NXP Semiconductors S32Z2 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 155 page
background image
Table 21. Aurora PLL
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fPLL_CLKIN
Aurora PLL Input
Reference Clock
Frequency 1,2,3
40
—
100
MHz
—
—
fPLL_CLKIN_PFD
Aurora PLL Phase
Detector Clock
Frequency 4
—
100
—
MHz
—
—
ΔfPLL_CLKIN
Aurora PLL Input
Reference Clock
Duty Cycle 1
40
—
60
%
—
—
JRCDC
Reference clock
period jitter
—
—
5
ps
RMS, 0.5MHz - 20MHz —
fPLL_VCO
Aurora PLL VCO
Frequency Range
3000
—
5000
MHz
—
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
5000
MHz
5.0Gbps Aurora lane
data rate, VCO
frequency divided by 1
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
4000
MHz
4.0Gbps Aurora lane
data rate, VCO
frequency divided by 1
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
3400
MHz
3.4Gbps Aurora lane
data rate, VCO
frequency divided by 1
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
3000
MHz
3.0Gbps Aurora lane
data rate, VCO
frequency divided by 1
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
2500
MHz
2.5Gbps Aurora lane
data rate, VCO
frequency divided by 2.
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range 5
—
—
2000
MHz
2.0Gbps Aurora lane
data rate, VCO
frequency divided by 2.
—
fPLL_CLKOUT0
Aurora PLL Output
Clock 0 Frequency
Range
—
—
500
MHz
No tool connected
- trace logic clock
with FXOSC reference
clock.
—
tLOCK
Aurora PLL Lock
Time
—
—
150
us
—
—
PER_jitter
Aurora PLL Period
Jitter
-21
—
21
ps
fPLL_CLKIN = 40MHz
| 100MHz, VCO =
5GHz, fPLL_CLKOUT
= 5GHz, 6-sigma
wirebond L < 2nH
—
Table continues on the next page...
NXP Semiconductors
S32E27
S32E2 Data Sheet
S32E27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2024 NXP B.V. All rights
reserved.
Product Data Sheet
Rev. 5 — 3 December 2024
52 / 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com