công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16C/62PT bảng dữ liệu(PDF) 29 Page - Renesas Technology Corp

tên linh kiện M16C/62PT
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62PT bảng dữ liệu(HTML) 29 Page - Renesas Technology Corp

Back Button M16C/62PT Datasheet HTML 25Page - Renesas Technology Corp M16C/62PT Datasheet HTML 26Page - Renesas Technology Corp M16C/62PT Datasheet HTML 27Page - Renesas Technology Corp M16C/62PT Datasheet HTML 28Page - Renesas Technology Corp M16C/62PT Datasheet HTML 29Page - Renesas Technology Corp M16C/62PT Datasheet HTML 30Page - Renesas Technology Corp M16C/62PT Datasheet HTML 31Page - Renesas Technology Corp M16C/62PT Datasheet HTML 32Page - Renesas Technology Corp M16C/62PT Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
page 29
4. SFR
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
03C0h
03C1h
03C2h
03C3h
03C4h
03C5h
03C6h
03C7h
03C8h
03C9h
03CAh
03CBh
03CCh
03CDh
03CEh
03CFh
03D0h
03D1h
03D2h
03D3h
03D4h
03D5h
03D6h
03D7h
03D8h
03D9h
03DAh
03DBh
03DCh
03DDh
03DEh
03DFh
03E0h
03E1h
03E2h
03E3h
03E4h
03E5h
03E6h
03E7h
03E8h
03E9h
03EAh
03EBh
03ECh
03EDh
03EEh
03EFh
03F0h
03F1h
03F2h
03F3h
03F4h
03F5h
03F6h
03F7h
03F8h
03F9h
03FAh
03FBh
03FCh
03FDh
03FEh
03FFh
NOTES :
1. The blank areas are reserved and cannot be accessed by users.
2. At hardware reset 1 or hardware reset 2, the register is as follows:
• “00000000b” where “L” is inputted to the CNVSS pin
• “00000010b” where “H” is inputted to the CNVSS pin
At software reset, watchdog timer reset and oscillation stop detection reset, the register is as follows:
• “00000000b” where the PM01 to PM00 bits in the PM0 register are “00b” (single-chip mode)
• “00000010b” where the PM01 to PM00 bits in the PM0 register are “01b” (memory expansion mode) or
“11b” (microprocessor mode)
X : Nothing is mapped to this bit
A-D register 7
AD7
XXh
XXh
A-D register 0
AD0
XXh
XXh
A-D register 1
AD1
XXh
XXh
A-D register 2
AD2
XXh
XXh
A-D register 3
AD3
XXh
XXh
A-D register 4
AD4
XXh
XXh
A-D register 5
AD5
XXh
XXh
A-D register 6
AD6
XXh
XXh
A-D control register 0
ADCON0
00000XXXb
D-A register 0
DA0
00h
D-A register 1
DA1
00h
D-A control register
DACON
00h
A-D control register 2
ADCON2
00h
A-D control register 1
ADCON1
00h
Port P0 register
P0
XXh
Port P0 direction register
PD0
00h
Port P1 register
P1
XXh
Port P1 direction register
PD1
00h
Port P2 register
P2
XXh
Port P2 direction register
PD2
00h
Port P3 register
P3
XXh
Port P3 direction register
PD3
00h
Port P4 register
P4
XXh
Port P4 direction register
PD4
00h
Port P5 register
P5
XXh
Port P5 direction register
PD5
00h
Port P6 register
P6
XXh
Port P6 direction register
PD6
00h
Port P7 register
P7
XXh
Port P7 direction register
PD7
00h
Port P8 register
P8
XXh
Port P8 direction register
PD8
00X00000b
Port P9 register
P9
XXh
Port P9 direction register
PD9
00h
Port P10 register
P10
XXh
Port P10 direction register
PD10
00h
Pull-up control register 0
PUR0
00h
Pull-up control register 1
PUR1
00000000b
00000010b
Pull-up control register 2
PUR2
00h
Port control register
PCR
00h
Port P14 control register
PC14
XX00XXXXb
Pull-up control register 3
PUR3
00h
Port P11 register
P11
XXh
Port P12 register
P12
XXh
Port P13 register
P13
XXh
Port P11 direction register
PD11
00h
Port P12 direction register
PD12
00h
Port P13 direction register
PD13
00h
Register
Symbol
After reset
Address
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com