công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16C/62PT bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện M16C/62PT
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62PT bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button M16C/62PT Datasheet HTML 15Page - Renesas Technology Corp M16C/62PT Datasheet HTML 16Page - Renesas Technology Corp M16C/62PT Datasheet HTML 17Page - Renesas Technology Corp M16C/62PT Datasheet HTML 18Page - Renesas Technology Corp M16C/62PT Datasheet HTML 19Page - Renesas Technology Corp M16C/62PT Datasheet HTML 20Page - Renesas Technology Corp M16C/62PT Datasheet HTML 21Page - Renesas Technology Corp M16C/62PT Datasheet HTML 22Page - Renesas Technology Corp M16C/62PT Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 19
1. Overview
Apply 2.7 to 5.5 V to the VCC1 pin and 0 V to the VSS pin. (2)
Applies the power supply for the A-D converter. Connect the AVCC pin to
VCC1. Connect the AVSS pin to VSS.
The microcomputer is in a reset state when applying "L" to the this pin.
Switches processor mode. Connect this pin to VSS to when after a reset to
start up in single-chip mode. Connect this pin to VCC1 to start up in micropro-
cessor mode. As for the BYTE pin of the 80-pin versions, pull-up processing
is performed within the microcomputer.
I/O pins for the main clock generation circuit. Connect a ceramic resonator or
crystal oscillator between XIN and XOUT (3). To use the external clock, input
the clock from XIN and leave XOUT open.
I/O pins for a sub clock oscillation circuit. Connect a crystal oscillator between
XCIN and XCOUT (3). To use the external clock, input the clock from XCIN
and leave XCOUT open.
The clock of the same cycle as fC, f8, or f32 is outputted.
______
Input pins for the INT interrupt
_______
Input pin for the NMI interrupt.
Input pins for the key input interrupt
These are timer A0, timer A3 and Timer A4 I/O pins. (except the output of
TAOUT for the N-channel open drain output.)
These are timer A0, timer A3 and Timer A4 input pins.
Input pin for the Z-phase.
These are timer B0, timer B2 to timer B5 input pins.
These are send control input pins.
These are receive control output pins.
These are transfer clock I/O pins.
These are serial data input pins.
These are serial data input pins.
These are serial data output pins. (except TXD2 for the N-channel open drain
output.)
These are serial data output pins.
This is output pin for transfer clock output from multiple pins function.
These are serial data I/O pins. (except SDA2 for the N-channel open drain
output.)
These are transfer clock I/O pins. (except SCL2 for the N-channel open drain
output.)
VCC1,
VSS
AVCC,
AVSS
____________
RESET
CNVSS
(BYTE)
XIN
XOUT
XCIN
XCOUT
CLKOUT
________
________
INT0 to INT2
_______
NMI
______
______
KI0 to KI3
TA0OUT,
TA3OUT,
TA4OUT
TA0IN,
TA3IN,
TA4IN
ZP
TB0IN,
TB2IN to TB5IN
_________
_________
CTS0, CTS2
_________
_________
RTS0, RTS2
CLK0, CLK1,
CLK3, CLK4
RXD0 to RXD2
SIN4
TXD0 to TXD4
SOUT3, SOUT4
CLKS1
SDA0 to SDA2
SCL0 to SCL2
Power supply input
Analog power
supply input
Reset input
CNVSS
Main clock input
Main clock output
Sub clock input
Sub clock output
Clock output
______
INT interrupt input
_______
NMI interrupt input
Key input interrupt
input
Timer A
Timer B
Serial I/O
I2C mode
I
I
I
I
I
O
I
O
O
I
I
I
I/O
I
I
I
I
O
I/O
I
I
O
O
O
I/O
I/O
-
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC2
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
Power
Signal name
Pin name
I/O type
Description
supply
I : Input
O : Output
I/O : Input and output
NOTES:
1. In this manual, hereafter, VCC refers to VCC1 unless otherwise noted.
2. In M16C/62PT, apply 4.0 to 5.5 V to the VCC1 pin.
3. Ask the oscillator maker the oscillation characteristic.
Table 1.12 Pin Description (80-pin Version) (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com