công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16C/62PT bảng dữ liệu(PDF) 43 Page - Renesas Technology Corp

tên linh kiện M16C/62PT
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62PT bảng dữ liệu(HTML) 43 Page - Renesas Technology Corp

Back Button M16C/62PT Datasheet HTML 39Page - Renesas Technology Corp M16C/62PT Datasheet HTML 40Page - Renesas Technology Corp M16C/62PT Datasheet HTML 41Page - Renesas Technology Corp M16C/62PT Datasheet HTML 42Page - Renesas Technology Corp M16C/62PT Datasheet HTML 43Page - Renesas Technology Corp M16C/62PT Datasheet HTML 44Page - Renesas Technology Corp M16C/62PT Datasheet HTML 45Page - Renesas Technology Corp M16C/62PT Datasheet HTML 46Page - Renesas Technology Corp M16C/62PT Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 43
Table 5.29 Memory Expansion and Microprocessor Modes
(for 2- to 3-wait setting, external area access and multiplex bus selection)
VCC1 = VCC2 = 5V
Switching Characteristics
(VCC1 = VCC2 = 5V, VSS = 0V, at Topr = – 20 to 85oC / – 40 to 85oC unless otherwise specified)
py
th(BCLK-AD)
Address output hold time (refers to BCLK)
4
ns
td(BCLK-CS)
Chip select output delay time
25
ns
th(BCLK-CS)
Chip select output hold time (refers to BCLK)
4
ns
ns
th(RD-AD)
Address output hold time (refers to RD)
(Note 1)
td(BCLK-RD)
RD signal output delay time
25
ns
th(BCLK-RD)
RD signal output hold time
0
ns
ns
th(WR-AD)
Address output hold time (refers to WR)
(Note 1)
td(BCLK-WR)
WR signal output delay time
25
ns
td(BCLK-DB)
Data output delay time (refers to BCLK)
40
ns
th(BCLK-DB)
Data output hold time (refers to BCLK)
4
ns
td(DB-WR)
Data output delay time (refers to WR)
(Note 2)
ns
th(BCLK-WR)
WR signal output hold time
0
ns
ns
th(RD-CS)
Chip select output hold time (refers to RD)
(Note 1)
th(WR-CS)
Chip select output hold time (refers to WR)
(Note 1)
ns
th(WR-DB)
Data output hold time (refers to WR)
ns
(Note 1)
1. Calculated according to the BCLK frequency as follows:
f(BCLK)
0.5 X 109
[ns]
2. Calculated according to the BCLK frequency as follows:
f(BCLK)
(n–0.5) X 109
–40
[ns]
3. Calculated according to the BCLK frequency as follows:
f(BCLK)
0.5 X 109
–25
[ns]
n is “2” for 2-wait setting, “3” for 3-wait setting.
td(BCLK-ALE)
ALE signal output delay time (refers to BCLK)
15
ns
th(BCLK-ALE)
ALE signal output hold time (refers to BCLK)
– 4ns
th(ALE-AD)
ALE signal output hold time (refers to Adderss)
ns
td(AD-RD)
RD signal output delay from the end of Adress
ns
0
td(AD-WR)
WR signal output delay from the end of Adress
ns
0
tdZ(RD-AD)
Address output floating start time
ns
8
td(AD-ALE)
ALE signal output delay time (refers to Address)
ns
(Note 3)
(Note 4)
–10
4. Calculated according to the BCLK frequency as follows:
f(BCLK)
0.5 X 109
[ns]
–15
NOTES:
HLDA output delay time
40
ns
td(BCLK-HLDA)
See Figure 5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com