công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16C/62PT bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp

tên linh kiện M16C/62PT
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62PT bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp

Back Button M16C/62PT Datasheet HTML 12Page - Renesas Technology Corp M16C/62PT Datasheet HTML 13Page - Renesas Technology Corp M16C/62PT Datasheet HTML 14Page - Renesas Technology Corp M16C/62PT Datasheet HTML 15Page - Renesas Technology Corp M16C/62PT Datasheet HTML 16Page - Renesas Technology Corp M16C/62PT Datasheet HTML 17Page - Renesas Technology Corp M16C/62PT Datasheet HTML 18Page - Renesas Technology Corp M16C/62PT Datasheet HTML 19Page - Renesas Technology Corp M16C/62PT Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 16
1.6 Pin Description
Table 1.9 Pin Description (100-pin and 128-pin Version) (1)
Apply 2.7 to 5.5 V to the VCC1 and VCC2 pins and 0 V to the VSS pin. The VCC
apply condition is that VCC1
≥ VCC2.(2)
Applies the power supply for the A-D converter. Connect the AVCC pin to
VCC1. Connect the AVSS pin to VSS.
The microcomputer is in a reset state when applying "L" to the this pin.
Switches processor mode. Connect this pin to VSS to when after a reset to start
up in single-chip mode. Connect this pin to VCC1 to start up in microprocessor
mode.
Switches the data bus in external memory space. The data bus is 16 bits long
when the this pin is held "L" and 8 bits long when the this pin is held "H". Set it
to either one. Connect this pin to VSS when an single-chip mode.
Inputs and outputs data (D0 to D7) when these pins are set as the separate bus.
Inputs and outputs data (D8 to D15) when external 16-bit data bus is set as the
separate bus.
Output address bits (A0 to A19).
Input and output data (D0 to D7) and output address bits (A0 to A7) by time-
sharing when external 8-bit data bus are set as the multiplexed bus.
Input and output data (D0 to D7) and output address bits (A8 to A15) by time-
sharing when external 16-bit data bus are set as the multiplexed bus.
________
________
________
________
Output CS0 to CS3 signals. CS0 to CS3 are chip-select signals to specify an
external space.
________ _________
______ ________
_____
________
_________
_______
______
Output WRL, WRH, (WR, BHE), RD signals. WRL and WRH or BHE and WR
can be switched by program.
________ _________
_____
• WRL, WRH and RD are selected
________
The WRL signal becomes "L" by writing data to an even address in an external
memory space.
_________
The WRH signal becomes "L" by writing data to an odd address in an external
memory space.
_____
The RD pin signal becomes "L" by reading data in an external memory space.
______ ________
_____
• WR, BHE and RD are selected
______
The WR signal becomes "L" by writing data in an external memory space.
_____
The RD signal becomes "L" by reading data in an external memory space.
________
The BHE signal becomes "L" by accessing an odd address.
______ ________
_____
Select WR, BHE and RD for an external 8-bit data bus.
ALE is a signal to latch the address.
__________
While the HOLD pin is held "L", the microcomputer is placed in a hold state.
_________
In a hold state, HLDA outputs a "L" signal.
________
While applying a "L" signal to the RDY pin, the microcomputer is placed in a wait
state.
VCC1, VCC2
VSS
AVCC
AVSS
____________
RESET
CNVSS
BYTE
D0 to D7
D8 to D15
A0 to A19
A0/D0 to
A7/D7
A1/D0 to
A8/D7
______
______
CS0 to CS3
________ ______
WRL/WR
_________ ________
WRH/BHE
_____
RD
ALE
__________
HOLD
__________
HLDA
________
RDY
Power supply input
Analog power
supply input
Reset input
CNVSS
External data bus
width select input
Bus control pins(4)
I
I
I
I
I
I/O
I/O
O
I/O
I/O
O
O
O
I
O
I
-
VCC1
VCC1
VCC1
VCC1
VCC2
VCC2
VCC2
VCC2
VCC2
VCC2
VCC2
VCC2
VCC2
VCC2
VCC2
Power
Signal name
Pin name
I/O type
Description
supply
I : Input
O : Output
I/O : Input and output
Power supply : Power supplies which relate to the external bus pins are separated as VCC2, thus they can be inter-
faced using the different voltage as VCC1.
NOTES:
1. In this manual, hereafter, VCC refers to VCC1 unless otherwise noted.
2. In M16C/62PT, apply 2.7 to 5.5 V to the VCC1 and VCC2 pins. Also the apply condition is that VCC1
≥ VCC2.
3. When use VCC1
≥ VCC2, contacts due to some points or restrictions to be checked.
4. This pin function is not in M16C/62PT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com