công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16C/62PT bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp

tên linh kiện M16C/62PT
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62PT bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp

Back Button M16C/62PT Datasheet HTML 14Page - Renesas Technology Corp M16C/62PT Datasheet HTML 15Page - Renesas Technology Corp M16C/62PT Datasheet HTML 16Page - Renesas Technology Corp M16C/62PT Datasheet HTML 17Page - Renesas Technology Corp M16C/62PT Datasheet HTML 18Page - Renesas Technology Corp M16C/62PT Datasheet HTML 19Page - Renesas Technology Corp M16C/62PT Datasheet HTML 20Page - Renesas Technology Corp M16C/62PT Datasheet HTML 21Page - Renesas Technology Corp M16C/62PT Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 18
Table 1.11 Pin Description (100-pin and 128-pin Version) (3)
VREF
AN0 to AN7,
AN0_0 to AN0_7,
AN2_0 to AN2_7
___________
ADTRG
ANEX0
ANEX1
DA0, DA1
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_7,
P3_0 to P3_7,
P4_0 to P4_7,
P5_0 to P5_7,
P12_0 to
P12_7 (2),
P13_0 to
P13_7 (2)
P6_0 to P6_7,
P7_0 to P7_7,
P9_0 to P9_7,
P10_0 to P10_7,
P11_0 to
P11_7 (2)
P8_0 to P8_4,
P8_6, P8_7,
P14_0, P14_1(2)
P8_5
Reference voltage
input
A-D converter
D-A converter
I/O port
Input port
VCC1
VCC1
VCC1
VCC1
VCC1
VCC1
VCC2
VCC1
VCC1
VCC1
Applies the reference voltage for the A-D converter and D-A converter.
Analog input pins for the A-D converter
This is an A-D trigger input pin.
This is the extended analog input pin for the A-D converter, and is the output
in external op-amp connection mode.
This is the extended analog input pin for the A-D converter.
This is the Input pin for the D-A converter.
8-bit I/O ports in CMOS, having a direction register to select an input or output.
Each pin is set as an input port or output port. An input port can be set for a
pull-up or for no pull-up in 4-bit unit by program.
8-bit I/O ports having equivalent functions to P0.
(except P7_0 and P7_1 for the N-channel open drain output.)
I/O ports having equivalent functions to P0.
_______
Input pin for the NMI interrupt.
Pin states can be read by the P8_5 bit in the P8 register.
I
I
I
I/O
I
O
I/O
I/O
I/O
I
I : Input
O : Output
I/O : Input and output
NOTES:
1. When use VCC1
≥ VCC2, contacts due to some points or restrictions to be checked.
2. Ports P11 to P14 are provided in the 128-pin version only.
Power
Signal name
Pin name
I/O type
Description
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com