công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16C/62PT bảng dữ liệu(PDF) 34 Page - Renesas Technology Corp

tên linh kiện M16C/62PT
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62PT bảng dữ liệu(HTML) 34 Page - Renesas Technology Corp

Back Button M16C/62PT Datasheet HTML 30Page - Renesas Technology Corp M16C/62PT Datasheet HTML 31Page - Renesas Technology Corp M16C/62PT Datasheet HTML 32Page - Renesas Technology Corp M16C/62PT Datasheet HTML 33Page - Renesas Technology Corp M16C/62PT Datasheet HTML 34Page - Renesas Technology Corp M16C/62PT Datasheet HTML 35Page - Renesas Technology Corp M16C/62PT Datasheet HTML 36Page - Renesas Technology Corp M16C/62PT Datasheet HTML 37Page - Renesas Technology Corp M16C/62PT Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 34
Table 5.6 Flash Memory Version Electrical Characteristics (1) for 100 cycle products (D3, D5, U3, U5)
Min.
Typ.
Max.
Word program time (VCC1=5.0V, Topr=25
°C)
Block erase time
(VCC1=5.0V, Topr=25
°C)
Erase all unlocked blocks time (2)
Lock bit program time
ParameterUnit
Standard
25
0.3
25
200
200
µs
s
s
µs
4 X n
Flash memory circuit stabilization wait time
tPS
15
µs
-
-
-
-
Symbol
NOTES :
1.Referenced to VCC1=4.5 to 5.5V, 3.0 to 3.6V at Topr = 0 to 60
°C unless otherwise specified.
2.n denotes the number of block erases.
3.Program and Erase Endurance refers to the number of times a block erase can be performed.
If the program and erase endurance is n (n=100, 1,000, or 10,000), each block can be erased n times.
For example, if a 4K bytes block A is erased after writing 1 word data 2,048 times, each to a different address, this
counts as one program and erase endurance. Data cannot be written to the same address more than once without
erasing the block. (Rewrite prohibited)
4.Maximum number of E/W cycles for which operation is guaranteed.
5.Topr = -40 to 85
°C (D3, D7, U3, U7) / -20 to 85 °C (D5, D9, U5, U9).
6.Referenced to VCC1 = 2.7 to 5.5V at Topr = -20 to 85
°C (D9, U9) / -40 to 85 °C (D7, U7) unless otherwise specified.
7.Table 5.7 applies for block A or block 1 program and erase endurance > 1,000. Otherwise, use Table 5.6.
8.To reduce the number of program and erase endurance when working with systems requiring numerous rewrites,
write to unused word addresses within the block instead of rewrite. Erase block only after all possible addresses are
used. For example, an 8-word program can be written 256 times maximum before erase becomes necessary.
Maintaining an equal number of erasure between block A and block 1 will also improve efficiency. It is important to
track the total number of times erasure is used.
9.Should erase error occur during block erase, attempt to execute clear status register command, then block erase
command at least three times until erase error disappears.
10.Customers desiring E/W failure rate information should contact their Renesas technical support representative.
Program and erase endurance (3)
-
100
4K bytes block
8K bytes block
32K bytes block
64K bytes block
Data hold time (5)
10year
-
0.3
0.5
0.8
s
s
s
Min.
Typ.
Max.
Word program time (VCC1=5.0V, Topr=25
°C)
Block erase time
(VCC1=5.0V, Topr=25
°C)
Lock bit program time
ParameterUnit
Standard
25
0.3
25
µs
s
µs
-
-
-
Symbol
Program and erase endurance (3, 8, 9)
-
10,000 (4)
4K bytes block
Flash memory circuit stabilization wait time
tPS
µs
Data hold time (5)
10year
-
cycle
cycle
15
4
4
4
4
Table 5.8 Flash Memory Version Program/Erase Voltage and Read Operation Voltage Characteristics
(at Topr = 0 to 60oC)
Flash program, erase voltage
Flash read operation voltage
VCC1 = 3.3 V ± 0.3 V or 5.0 V ± 0.5 V
VCC1=2.7 to 5.5 V
Table 5.7 Flash Memory Version Electrical Characteristics (6)
for 10,000 cycle products (D7, D9, U7, U7) (Block A and Block 1 (7))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com