công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16C/62PT bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp

tên linh kiện M16C/62PT
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62PT bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp

Back Button M16C/62PT Datasheet HTML 23Page - Renesas Technology Corp M16C/62PT Datasheet HTML 24Page - Renesas Technology Corp M16C/62PT Datasheet HTML 25Page - Renesas Technology Corp M16C/62PT Datasheet HTML 26Page - Renesas Technology Corp M16C/62PT Datasheet HTML 27Page - Renesas Technology Corp M16C/62PT Datasheet HTML 28Page - Renesas Technology Corp M16C/62PT Datasheet HTML 29Page - Renesas Technology Corp M16C/62PT Datasheet HTML 30Page - Renesas Technology Corp M16C/62PT Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
page 27
4. SFR
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
Address
Register
Symbol
After reset
0340h
0341h
0342h
0343h
0344h
0345h
0346h
0347h
0348h
0349h
034Ah
034Bh
034Ch
034Dh
034Eh
034Fh
0350h
0351h
0352h
0353h
0354h
0355h
0356h
0357h
0358h
0359h
035Ah
035Bh
035Ch
035Dh
035Eh
035Fh
0360h
0361h
0362h
0363h
0364h
0365h
0366h
0367h
0368h
0369h
036Ah
036Bh
036Ch
036Dh
036Eh
036Fh
0370h
0371h
0372h
0373h
0374h
0375h
0376h
0377h
0378h
0379h
037Ah
037Bh
037Ch
037Dh
037Eh
037Fh
Timer A1-1 register
TA11
XXh
XXh
Timer A2-1 register
TA21
XXh
XXh
Dead time timer
DTT
XXh
Timer B2 interrupt occurrence frequency set counter
ICTB2
XXh
Three-phase PWM control register 0
INVC0
00h
Three-phase PWM control register 1
INVC1
00h
Three-phase output buffer register 0
IDB0
00h
Three-phase output buffer register 1
IDB1
00h
Timer B3 register
TB3
XXh
XXh
Timer B4 register
TB4
XXh
XXh
Timer B5 register
TB5
XXh
XXh
Timer B3, 4, 5 count start flag
TBSR
000XXXXXb
Timer B3 mode register
TB3MR
00XX0000b
Timer B4 mode register
TB4MR
00XX0000b
Timer B5 mode register
TB5MR
00XX0000b
Interrupt cause select register
IFSR
00h
SI/O3 transmit/receive register
S3TRR
XXh
SI/O4 transmit/receive register
S4TRR
XXh
SI/O3 control register
S3C
01000000b
SI/O3 bit rate generator
S3BRG
XXh
SI/O4 bit rate generator
S4BRG
XXh
SI/O4 control register
S4C
01000000b
UART2 special mode register
U2SMR
X0000000b
UART2 receive buffer register
U2RB
XXh
XXh
UART2 transmit buffer register
U2TB
XXh
XXh
UART2 transmit/receive control register 0
U2C0
00001000b
UART2 transmit/receive mode register
U2MR
00h
UART2 transmit/receive control register 1
U2C1
00000010b
UART2 bit rate generator
U2BRG
XXh
Timer A4-1 register
TA41
XXh
XXh
UART2 special mode register 2
U2SMR2
X0000000b
NOTES :
1. The blank areas are reserved and cannot be accessed by users.
X : Nothing is mapped to this bit
UART2 special mode register 3
U2SMR3
000X0X0Xb
Interrupt cause select register 2
IFSR2A
00XXXXXXb
UART0 special mode register 2
U0SMR2
X0000000b
UART0 special mode register
U0SMR
X0000000b
UART0 special mode register 3
U0SMR3
000X0X0Xb
UART0 special mode register 4
U0SMR4
00h
UART1 special mode register 2
U1SMR2
X0000000b
UART1 special mode register
U1SMR
X0000000b
UART1 special mode register 3
U1SMR3
000X0X0Xb
UART1 special mode register 4
U1SMR4
00h
UART2 special mode register 4
U2SMR4
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com