| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S75WS256NDFBAWMB bảng dữ liệu(PDF) 103 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB bảng dữ liệu(HTML) 103 Page - SPANSION |
|
103 / 216 page ![]() February 17, 2005 S75WS-N-00_00_A0 S75WS256Nxx Based MCPs 101 Data Sheet 18 Device Bus Operations This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register itself does not occupy any addres- sable memory location. The register is composed of latches that store the commands, along with the address and data information needed to execute the command. The contents of the register serve as inputs to the internal state machine. The state machine outputs dictate the function of the device. Table 18.1 lists the device bus operations, the inputs and control levels they require, and the resulting output. The following subsections describe each of these operations in further detail. Table 18.1 Device Bus Operations Legend: L = Logic 0, H = Logic 1, X = Don’t Care. 18.1 Requirements for Asynchronous Read Operation (Non-Burst) To read data from the memory array, the system must first assert a valid address on Amax–A0, while driving AVD# and CE# to VIL. WE# should remain at VIH. The rising edge of AVD# latches the address. The data will appear on DQ15–DQ0. Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable access time (tCE) is the delay from the stable CE# to valid data at the outputs. The output enable access time (tOE) is the delay from the falling edge of OE# to valid data at the output. The internal state machine is set for reading array data in asynchronous mode upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory con- tent occurs during the power transition. Operation CE# OE# WE# Addresses DQ15–0 RESET# CLK AVD# Asynchronous Read - Addresses Latched L L H Addr In I/O H X Asynchronous Read - Addresses Steady State L L H Addr In I/O H X L Asynchronous Write L H L Addr In I/O H X L Synchronous Write L H L Addr In I/O H Standby (CE#) H X X X HIGH Z H X X Hardware Reset X X X X HIGH Z L X X Burst Read Operations Load Starting Burst Address L X H Addr In X H Advance Burst to next address with appropriate Data presented on the Data Bus LL H X Burst Data Out HH Terminate current Burst read cycle H X H X HIGH Z H X Terminate current Burst read cycle via RESET# X X H X HIGH Z L X X Terminate current Burst read cycle and start new Burst read cycle L X H Addr In I/O H |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |