| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S75WS256NDFBAWMB bảng dữ liệu(PDF) 84 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB bảng dữ liệu(HTML) 84 Page - SPANSION |
|
84 / 216 page ![]() 82 S75WS256Nxx Based MCPs S75WS-N-00_A0 February 17, 2005 Ad van c e Inf o rmation Wait State Configuration Register Setup: D13, D12, D11 = 111 ⇒ Reserved D13, D12, D11 = 110 ⇒ Reserved D13, D12, D11 = 101 ⇒ 5 programmed, 7 total D13, D12, D11 = 100 ⇒ 4 programmed, 6 total D13, D12, D11 = 011 ⇒ 3 programmed, 5 total D13, D12, D11 = 010 ⇒ 2 programmed, 4 total D13, D12, D11 = 001 ⇒ 1 programmed, 3 total D13, D12, D11 = 000 ⇒ 0 programmed, 2 total Note: 6.Figure assumes address D0 is not at an address boundary, and wait state is set to 101 Figure 12.23 Example of Wait State Insertion Data AVD# OE# CLK 12 3 4 5 D0 D1 01 6 2 7 3 total number of clock cycles following addresses being latched Rising edge of next clock cycle following last wait state triggers next burst data number of clock cycles programmed 45 |