| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S75WS256NDFBAWMB bảng dữ liệu(PDF) 33 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB bảng dữ liệu(HTML) 33 Page - SPANSION |
|
33 / 216 page ![]() February 17, 2005 S75WS-N-00_A0 S75WS256Nxx Based MCPs 31 Advance Information Notes: 1. Any offset within the device works. 2. BA = Bank Address. The bank address is required. 3. base = base address. The following is a C source code example of using the autoselect function to read the manu- facturer ID. Refer to the Spansion Low Level Driver User Guide (available on www.amd.com and www.fujitsu.com) for general information on Spansion Flash memory software develop- ment guidelines. /* Here is an example of Autoselect mode (getting manufacturer ID) */ /* Define UINT16 example: typedef unsigned short UINT16; */ UINT16 manuf_id; /* Auto Select Entry */ *( (UINT16 *)bank_addr + 0x555 ) = 0x00AA; /* write unlock cycle 1 */ *( (UINT16 *)bank_addr + 0x2AA ) = 0x0055; /* write unlock cycle 2 */ *( (UINT16 *)bank_addr + 0x555 ) = 0x0090; /* write autoselect command */ /* multiple reads can be performed after entry */ manuf_id = *( (UINT16 *)bank_addr + 0x000 ); /* read manuf. id */ /* Autoselect exit */ *( (UINT16 *)base_addr + 0x000 ) = 0x00F0; /* exit autoselect (write reset command) */ Software Functions and Sample Code Table 8.10 Autoselect Entry (LLD Function = lld_AutoselectEntryCmd) Cycle Operation Byte Address Word Address Data Unlock Cycle 1 Write BAxAAAh BAx555h 0x00AAh Unlock Cycle 2 Write BAx555h BAx2AAh 0x0055h Autoselect Command Write BAxAAAh BAx555h 0x0090h Table 8.11 Autoselect Exit (LLD Function = lld_AutoselectExitCmd) Cycle Operation Byte Address Word Address Data Unlock Cycle 1 Write base + XXXh base + XXXh 0x00F0h |