| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S75WS256NDFBAWMB bảng dữ liệu(PDF) 57 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB bảng dữ liệu(HTML) 57 Page - SPANSION |
|
57 / 216 page ![]() February 17, 2005 S75WS-N-00_A0 S75WS256Nxx Based MCPs 55 Advance Information Figure 9.2 PPB Program/Erase Algorithm 9.3 Dynamic Protection Bits Dynamic Protection Bits are volatile and unique for each sector and can be individually modified. DYBs only control the protection scheme for unprotected sectors that have their PPBs cleared (erased to 1). By issuing the DYB Set or Clear command sequences, the DYBs are set (pro- grammed to 0) or cleared (erased to 1), thus placing each sector in the protected or unprotected state respectively. This feature allows software to easily protect sectors against inadvertent changes yet does not prevent the easy removal of protection when changes are needed. Read Byte Twice Addr = SA0 Enter PPB Command Set. Addr = BA Program PPB Bit. Addr = SA DQ5 = 1? Yes Yes Yes No No No Yes DQ6 = Toggle? DQ6 = Toggle? Read Byte. Addr = SA PASS FAIL Issue Reset Command Exit PPB Command Set DQ0 = '1' (Erase) '0' (Pgm.)? Read Byte Twice Addr = SA0 No Wait 500 µs |