| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S75WS256NDFBAWMB bảng dữ liệu(PDF) 48 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB bảng dữ liệu(HTML) 48 Page - SPANSION |
|
48 / 216 page ![]() 46 S75WS256Nxx Based MCPs S75WS-N-00_A0 February 17, 2005 Ad van c e Inf o rmation Figure 8.6 Write Operation Status Flowchart START Read 1 DQ7=valid data? YES NO Read 1 DQ5=1? YES NO Write Buffer Programming? YES NO Device BUSY, Re-Poll Read3 DQ1=1? YES NO Read 2 Read 3 Read 2 Read 3 Read 2 Read 3 Read3 DQ1=1 AND DQ7 ≠ Valid Data? YES NO (Note 4) Write Buffer Operation Failed DQ6 toggling? YES NO TIMEOUT (Note 1) (Note 3) Programming Operation? DQ6 toggling? YES NO YES NO DQ2 toggling? YES NO Erase Operation Complete Device in Erase/Suspend Mode Program Operation Failed DEVICE ERROR Erase Operation Complete Read3= valid data? YES NO Notes: 1) DQ6 is toggling if Read2 DQ6 does not equal Read3 DQ6. 2) DQ2 is toggling if Read2 DQ2 does not equal Read3 DQ2. 3) May be due to an attempt to program a 0 to 1. Use the RESET command to exit operation. 4) Write buffer error if DQ1 of last read =1. 5) Invalid state, use RESET command to exit operation. 6) Valid data is the data that is intended to be programmed or all 1's for an erase operation. 7) Data polling algorithm valid for all operations except advanced sector protection. Device BUSY, Re-Poll Device BUSY, Re-Poll Device BUSY, Re-Poll (Note 1) (Note 2) (Note 6) (Note 5) |