| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 131 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 131 Page - NXP Semiconductors |
|
131 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE state !PCC_VCC_CONT_0: if (MPC_WRITE_BCSR_1 & (PCC_VCC_1_DATA_BIT.pin == PCC_VCC_CONT_0) & (!KA_PON_RESET # (PCC_VCC_1_PON_DEFAULT != !PCC_VCC_CONT_0)) # (KA_PON_RESET & (PCC_VCC_1_PON_DEFAULT == PCC_VCC_CONT_0)) ) then PCC_VCC_CONT_0 else !PCC_VCC_CONT_0; "****************************************************************************** state_diagram SdramEn~ state SDRAM_ENABLED: if (MPC_WRITE_BCSR_1 & (SDRAM_ENABLE_DATA_BIT.pin == !SDRAM_ENABLED) & (!KA_PON_RESET # (SDRAM_ENABLE_PON_DEFAULT != SDRAM_ENABLED)) # (KA_PON_RESET & (SDRAM_ENABLE_PON_DEFAULT == !SDRAM_ENABLED)) ) then !SDRAM_ENABLED else SDRAM_ENABLED; state !SDRAM_ENABLED: if (MPC_WRITE_BCSR_1 & (SDRAM_ENABLE_DATA_BIT.pin == SDRAM_ENABLED) & (!KA_PON_RESET # (SDRAM_ENABLE_PON_DEFAULT != !SDRAM_ENABLED)) # (KA_PON_RESET & (SDRAM_ENABLE_PON_DEFAULT == SDRAM_ENABLED)) ) then SDRAM_ENABLED else !SDRAM_ENABLED; "****************************************************************************** "****************************************************************************** "* BCSR4 State Machines "****************************************************************************** "****************************************************************************** state_diagram UsbUtpFethEn~ state USB_UTP_FETH_ENABLED: if (MPC_WRITE_BCSR_4 & (USB_UTP_FETH_EN_DATA_BIT.pin == !USB_UTP_FETH_ENABLED) & (!KA_PON_RESET # (USB_UTP_FETH_EN_PON_DEFAULT != USB_UTP_FETH_ENABLED)) # (KA_PON_RESET & (USB_UTP_FETH_EN_PON_DEFAULT == !USB_UTP_FETH_ENABLED)) ) then !USB_UTP_FETH_ENABLED else Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |