| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 132 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 132 Page - NXP Semiconductors |
|
132 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE USB_UTP_FETH_ENABLED; state !USB_UTP_FETH_ENABLED: if (MPC_WRITE_BCSR_4 & (USB_UTP_FETH_EN_DATA_BIT.pin == USB_UTP_FETH_ENABLED) & (!KA_PON_RESET # (USB_UTP_FETH_EN_PON_DEFAULT != !USB_UTP_FETH_ENABLED)) # (KA_PON_RESET & (USB_UTP_FETH_EN_PON_DEFAULT == USB_UTP_FETH_ENABLED)) )then USB_UTP_FETH_ENABLED else !USB_UTP_FETH_ENABLED; "****************************************************************************** state_diagram UsbSpeed state USB_FULL_SPEED: if (MPC_WRITE_BCSR_4 & (USB_SPEED_DATA_BIT.pin == !USB_FULL_SPEED) & (!KA_PON_RESET # (USB_SPEED_PON_DEFAULT != USB_FULL_SPEED)) # (KA_PON_RESET & (USB_SPEED_PON_DEFAULT == !USB_FULL_SPEED)) ) then !USB_FULL_SPEED else USB_FULL_SPEED; state !USB_FULL_SPEED: if (MPC_WRITE_BCSR_4 & (USB_SPEED_DATA_BIT.pin == USB_FULL_SPEED) & (!KA_PON_RESET # (USB_SPEED_PON_DEFAULT != !USB_FULL_SPEED)) # (KA_PON_RESET & (USB_SPEED_PON_DEFAULT == USB_FULL_SPEED)) ) then USB_FULL_SPEED else !USB_FULL_SPEED; "****************************************************************************** state_diagram UsbVcc0 state USB_VCC_CONT_0: if (MPC_WRITE_BCSR_4 & (USB_VCC_0_DATA_BIT.pin == !USB_VCC_CONT_0) & (!KA_PON_RESET # (USB_VCC_0_CONT_PON_DEFAULT != USB_VCC_CONT_0)) # (KA_PON_RESET & (USB_VCC_0_CONT_PON_DEFAULT == !USB_VCC_CONT_0)) ) then !USB_VCC_CONT_0 else USB_VCC_CONT_0; state !USB_VCC_CONT_0: if (MPC_WRITE_BCSR_4 & Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |