| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC821 bảng dữ liệu(PDF) 127 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC821 bảng dữ liệu(HTML) 127 Page - NXP Semiconductors |
|
127 / 242 page ![]() Support Information MPC8XXFADS Design Specification—Rev 0.1 PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE else CNT_REG_EN_PROTECT; state !CNT_REG_EN_PROTECT: if (MPC_WRITE_BCSR_3 & (CNT_REG_EN_PROTECT_DATA_BIT.pin == CNT_REG_EN_PROTECT) & (!KA_PON_RESET # (CNT_REG_EN_PROTECT_PON_DEFAULT != !CNT_REG_EN_PROTECT)) # (KA_PON_RESET & (CNT_REG_EN_PROTECT_PON_DEFAULT == CNT_REG_EN_PROTECT)) # MPC_WRITE_BCSR_1) then " any write to control reg 1 CNT_REG_EN_PROTECT else !CNT_REG_EN_PROTECT; "****************************************************************************** "* protected by CntRegEnProtect~ to prevent from inadvertant write "****************************************************************************** state_diagram CntRegEn~ state CONT_REG_ENABLE: if (MPC_WRITE_BCSR_1 & (CntRegEnProtect~.fb != CNT_REG_EN_PROTECT) & (CONT_REG_ENABLE_DATA_BIT.pin == !CONT_REG_ENABLE) & (!KA_PON_RESET # (CONT_REG_ENABLE_PON_DEFAULT != CONT_REG_ENABLE)) # (KA_PON_RESET & (CONT_REG_ENABLE_PON_DEFAULT == !CONT_REG_ENABLE)) ) then !CONT_REG_ENABLE else CONT_REG_ENABLE; state !CONT_REG_ENABLE:" in fact not applicable if (MPC_WRITE_BCSR_1 & (CONT_REG_ENABLE_DATA_BIT.pin == CONT_REG_ENABLE) & (!KA_PON_RESET # (CONT_REG_ENABLE_PON_DEFAULT != !CONT_REG_ENABLE)) # (KA_PON_RESET & (CONT_REG_ENABLE_PON_DEFAULT == CONT_REG_ENABLE)) ) then CONT_REG_ENABLE else !CONT_REG_ENABLE; "****************************************************************************** state_diagram RS232En1~ state RS232_1_ENABLE: if (MPC_WRITE_BCSR_1 & (RS232_1_ENABLE_DATA_BIT.pin == !RS232_1_ENABLE) & (!KA_PON_RESET # (RS232_1_ENABLE_PON_DEFAULT != RS232_1_ENABLE)) # (KA_PON_RESET & (RS232_1_ENABLE_PON_DEFAULT == !RS232_1_ENABLE)) ) then !RS232_1_ENABLE else RS232_1_ENABLE; state !RS232_1_ENABLE: Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |