| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCIMX503CVM8B bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX503CVM8B bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 136 page ![]() i.MX50 Applications Processors for Consumer Products, Rev. 7 Electrical Characteristics Freescale Semiconductor 26 4.1.4 Operating Frequencies Table 12 shows the interface frequency requirements. 4.1.5 Supply Current Table 13 shows the run mode current consumption of the i.MX50. Table 12. Interface Frequency Parameter Description Symbol Min Max Unit JTAG: TCK operating frequency ftck See Table 64 MHz CKIL: operating frequency fckil 32.7681 1 Generated Internally or applied externally. kHz CKIH: operating frequency fckih See Table 38 MHz XTAL oscillator fxtal 22 27 MHz Table 13. EFuse Supply Current Description Symbol Min Typ Max Unit eFuse program current1 VDD2P5 current is required to program one eFuse bit. 1 The current I program is only required during program time (tprogram). Iprogram —40 55 mA |