| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VR4102 bảng dữ liệu(PDF) 140 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 bảng dữ liệu(HTML) 140 Page - NEC |
|
140 / 701 page ![]() CHAPTER 5 MEMORY MANAGEMENT SYSTEM 140 5.3.4 LCD Space This space is used to access the external LCD controller. All data that is accessed via this space is inverted-bit data. The LCD space is used exclusively from the high-speed system bus memory space. To switch between these two types of space, set the ISAM/LCD bit in BCUCNTREG1. 5.3.5 DRAM Space The DRAM space differs depending on the data bus’ bit width and the capacity of the DRAM being used. • The data bus’ bit width is set via the DBUS32 pin. • The DRAM capacity is set via the BCUCNTREG1’s DRAM64 bit. The physical addresses of the DRAM space are listed below. Table 5-11. DRAM Addresses (when using 16-bit data bus) Physical address When using 16-Mbit DRAM When using 64-Mbit DRAM 0x03FF FFFF to 0x0200 0000 DRAM space reserved for future use DRAM space reserved for future use 0x01FF FFFF to 0x0180 0000 Bank 3 (MRAS[3]#/UUCAS#) 0x017F FFFF to 0x0100 0000 Bank 2 (MRAS[2]#/ULCAS#) 0x00FF FFFF to 0x0080 0000 Bank 1 (MRAS[1]#) 0x007F FFFF to 0x0060 0000 Bank 3 (MRAS[3]#/UUCAS#) Bank 0 (MRAS[0]#) 0x005F FFFF to 0x0040 0000 Bank 2 (MRAS[2]#/ULCAS#) 0x003F FFFF to 0x0020 0000 Bank 1 (MRAS[1]#) 0x001F FFFF to 0x0000 0000 Bank 0 (MRAS[0]#) Table 5-12. DRAM Addresses (when using 32-bit data bus) Physical address When using 16-Mbit DRAM When using 64-Mbit DRAM 0x03FF FFFF to 0x0200 0000 DRAM space reserved for future use DRAM space reserved for future use 0x01FF FFFF to 0x0180 0000 Bank 1 (MRAS[1]#) 0x017F FFFF to 0x0100 0000 0x00FF FFFF to 0x0080 0000 Bank 0 (MRAS[0]#) 0x007F FFFF to 0x0060 0000 Bank 1 (MRAS[1]#) 0x005F FFFF to 0x0040 0000 0x003F FFFF to 0x0020 0000 Bank 0 (MRAS[0]#) 0x001F FFFF to 0x0000 0000 |