| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VR4102 bảng dữ liệu(PDF) 74 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 bảng dữ liệu(HTML) 74 Page - NEC |
|
74 / 701 page ![]() CHAPTER 2 PIN FUNCTIONS 74 Table 2-15. Status of Pins upon Reset (2/3) Signal When reset by RTCRST When reset by Deadman’s Switch or RSTSW During Suspend mode During Hibernate mode or when shut down by HAL timer During bus hold HLDRQ# ðð ðð ð HLDACK# Hi-Z 1 Note 1 Hi-Z Note 1 RTCX1 ðð ðð ð RTCX2 ðð ðð ð CLKX1 ðð ðð ð CLKX2 ðð ðð ð FIRCLK ðð ðð ð BATTINH/ BATTINT# ðð ðð ð MPOWER 01 10 1 POWERON 0 00 00 POWER ðð ðð ð RSTSW# ðð ðð ð RTCRST# ðð ðð ð RxD ðð ðð ð TxD/CLKSEL[2] Hi-Z 1 1 1 Note 1 RTS#/CLKSEL[1] Hi-Z 1 1 1 Note 1 CTS# ðð ðð ð DCD#/GPIO[15] ðð ðð ð DTR#/CLKSEL[0] Hi-Z 1 1 1 Note 1 DSR# ðð ðð ð IRDIN ðð ðð ð IRDOUT# 0 0 0 0 Note 1 FIRDIN#/SEL Hi-Z Hi-Z Note 2 Hi-Z Note 2 DDIN/ GPIO[45] Note3 Hi-Z/ Hi-Z Hi-Z/ Hi-Z Hi-Z/ Note 2 Hi-Z/ Hi-Z Hi-Z/ Note 2 DDOUT/ GPIO[44] Note3 11 11 1 DRTS#/ GPIO[46] Note3 11 11 1 DCTS#/ GPIO[47] Note3 Hi-Z/ Hi-Z Hi-Z/ Hi-Z Hi-Z/ Note 2 Hi-Z/ Hi-Z Hi-Z/ Note 2 Notes 1. Normal operations are performed. 2. The state at the previous Fullspeed mode is retained. 3. This pin can be switched by software between function-pin and output-port uses. Remark 0: outputs low level, 1: outputs high level, Hi-Z: high-impedance |