công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 102 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 98Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 99Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 100Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 101Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 102Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 103Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 104Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 105Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
5−7
5.3
ExCA Power Control Register
The ExCA power control register provides PC Card power control. Bit 7 (COE) of this register controls the 16-bit output
enables on the socket interface, and can be used for power management in 16-bit PC Card applications. See
Table 5−4 and Table 5−5 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA power control
Type
RW
R
R
RW
RW
R
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
ExCA power control
Offset:
CardBus socket address + 802h; Card A ExCA offset 02h
Card B ExCA offset 42h
Type:
Read-only, Read/Write
Default:
00h
Table 5−4. ExCA Power Control Register Description—82365SL Support
BIT
SIGNAL
TYPE
FUNCTION
7
COE
RW
Card output enable. Bit 7 controls the state of all of the 16-bit outputs on the PCI1520. This bit is
encoded as:
0 = 16-bit PC Card outputs disabled (default)
1 = 16-bit PC Card outputs enabled
6
RSVD
R
Reserved. Bit 6 returns 0 when read.
5
AUTOPWRSWEN
RW
Auto power switch enable.
0 = Automatic socket power switching based on card detects is disabled.
1 = Automatic socket power switching based on card detects is enabled.
4
CAPWREN
RW
PC Card power enable.
0 = VCC = No connection
1 = VCC is enabled and controlled by bit 2 (EXCAPOWER) of the system control register
(PCI offset 80h, see Section 4.29).
3−2
RSVD
R
Reserved. Bits 3 and 2 return 0s when read.
1−0
EXCAVPP
RW
PC Card VPP power control. Bits 1 and 0 are used to request changes to card VPP. The PCI1520 ignores
this field unless VCC to the socket is enabled. This field is encoded as:
00 = No connection (default)
01 = VCC
10 = 12 V
11 = Reserved
Table 5−5. ExCA Power Control Register Description—82365SL-DF Support
BIT
SIGNAL
TYPE
FUNCTION
7
COE
RW
Card output enable. Bit 7 controls the state of all of the 16-bit outputs on the PCI1520. This bit is encoded as:
0 = 16-bit PC Card outputs disabled (default)
1 = 16-bit PC Card outputs enabled
6−5
RSVD
R
Reserved. Bits 6 and 5 return 0s when read.
4−3
EXCAVCC
RW
VCC. Bits 4 and 3 are used to request changes to card VCC. This field is encoded as:
00 = 0 V (default)
01 = 0 V reserved
10 = 5 V
11 = 3.3 V
2
RSVD
R
Reserved. Bit 2 returns 0 when read.
1−0
EXCAVPP
RW
VPP. Bits 1 and 0 are used to request changes to card VPP. The PCI1520 ignores this field unless VCC to
the socket is enabled. This field is encoded as:
00 = No connection (default)
01 = VCC
10 = 12 V
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com