công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 87 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 83Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 84Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 85Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 86Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 87Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 88Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 89Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 90Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 140 page
background image
4−26
4.37 Power-Management Capabilities Register
This register contains information on the capabilities of the PC Card function related to power management. Both
PCI1520 CardBus bridge functions support D0, D1, D2, and D3 power states. See Table 4−14 for a complete
description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power-management capabilities
Type
RW
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
1
1
1
1
1
1
0
0
0
0
1
0
0
1
0
Register:
Power-management capabilities
Offset:
A2h
Type:
Read/Write, Read-only
Default:
FE12h
Table 4−14. Power-Management Capabilities Register Description
BIT
SIGNAL
TYPE
FUNCTION
PME support. This 5-bit field indicates the power states from which the PCI1520 device functions may
assert PME. A 0 (zero) for any bit indicates that the function cannot assert the PME signal while in that
power state. These five bits return 11111b when read. Each of these bits is described below:
15
PME_Support
RW
Bit 15 defaults to the value 1 indicating the PME signal can be asserted from the D3cold state. This bit is
R/W because wake-up support from D3cold is contingent on the system providing an auxiliary power source
to the VCC terminals. If the system designer chooses not to provide an auxiliary power source to the VCC
terminals for D3cold wake-up support, then BIOS should write a 0 to this bit.
14−11
PME_Support
R
Bit 14 contains the value 1, indicating that the PME signal can be asserted from D3hot state.
Bit 13 contains the value 1, indicating that the PME signal can be asserted from D2 state.
Bit 12 contains the value 1, indicating that the PME signal can be asserted from D1 state.
Bit 11 contains the value 1, indicating that the PME signal can be asserted from the D0 state.
10
D2_Support
R
D2 support. Bit 10 returns a 1 when read, indicating that the CardBus function supports the D2 device
power state.
9
D1_Support
R
D1 support. Bit 9 returns a 1 when read, indicating that the CardBus function supports the D1 device
power state.
8−6
RSVD
R
Reserved. Bits 8−6 return 0s when read.
5
DSI
R
Device-specific initialization. Bit 5 returns 1 when read, indicating that the CardBus controller function
requires special initialization (beyond the standard PCI configuration header) before the generic-class
device driver is able to use it.
4
AUX_PWR
R
Auxiliary power source. Bit 4 is meaningful only if bit 15 (PME_Support, D3cold) is set. When bit 4 is set,
it indicates that support for PME in D3cold requires auxiliary power supplied by the system by way of a
proprietary delivery vehicle. When bit 4 is 0, it indicates that the function supplies its own auxiliary power
source.
3
PMECLK
R
PME clock. Bit 3 returns 0 when read, indicating that no host bus clock is required for the PCI1520 to
generate PME.
2−0
VERSION
R
Version. Bits 2−0 return 010b when read, indicating that the power-management registers (PCI offsets
A4h−A7h, see Sections 4.38−4.40) are defined in the PCI Bus Power Management Interface Specification
version 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com