công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDVG4 bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDVG4
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 35Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 36Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 37Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 38Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 39Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 40Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 41Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 42Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
3−4
3.5
PC Card Applications
This section describes the PC Card interfaces of the PCI1520.
•
Card insertion/removal and recognition
•
P2C power-switch interface
•
Zoomed video support
•
Speaker and audio applications
•
LED socket activity indicators
•
CardBus socket registers
3.5.1
PC Card Insertion/Removal and Recognition
The PC Card Standard (release 7.1) addresses the card-detection and recognition process through an interrogation
procedure that the socket must initiate on card insertion into a cold, nonpowered socket. Through this interrogation,
card voltage requirements and interface (16-bit versus CardBus) are determined.
The scheme uses the card-detect and voltage-sense signals. The configuration of these four terminals identifies the
card type and voltage requirements of the PC Card interface. The encoding scheme is defined in the PC Card
Standard (release 7.1) and in Table 3−1.
Table 3−1. PC Card Card-Detect and Voltage-Sense Connections
CD2//CCD2
CD1//CCD1
VS2//CVS2
VS1//CVS1
KEY
INTERFACE
VOLTAGE
Ground
Ground
Open
Open
5 V
16-bit PC Card
5 V
Ground
Ground
Open
Ground
5 V
16-bit PC Card
5 V and 3.3 V
Ground
Ground
Ground
Ground
5 V
16-bit PC Card
5 V, 3.3 V, and X.X V
Ground
Ground
Open
Ground
LV
16-bit PC Card
3.3 V
Ground
Connect to CVS1
Open
Connect to CCD1
LV
CardBus PC Card
3.3 V
Ground
Ground
Ground
Ground
LV
16-bit PC Card
3.3 V and X.X V
Connect to CVS2
Ground
Connect to CCD2
Ground
LV
CardBus PC Card
3.3 V and X.X V
Connect to CVS1
Ground
Ground
Connect to CCD2
LV
CardBus PC Card
3.3 V, X.X V, and Y.Y V
Ground
Ground
Ground
Open
LV
16-bit PC Card
X.X V
Connect to CVS2
Ground
Connect to CCD2
Open
LV
CardBus PC Card
X.X V
Ground
Connect to CVS2
Connect to CCD1
Open
LV
CardBus PC Card
X.X V and Y.Y V
Connect to CVS1
Ground
Open
Connect to CCD2
LV
CardBus PC Card
Y.Y V
Ground
Connect to CVS1
Ground
Connect to CCD1
Reserved
Ground
Connect to CVS2
Connect to CCD1
Ground
Reserved
3.5.2
P2C Power-Switch Interface (TPS222X)
The PCI1520 provides a PCMCIA peripheral control (P2C) interface for control of the PC Card power switch. The
CLOCK, DATA, and LATCH terminals interface with the TI TPS222X dual-slot PC Card power interface switches to
provide power switch support. Figure 3−3 illustrates a typical application where the PCI1520 represents the PCMCIA
controller. Table 3−2 shows the available power switch options compatible with the PCI1520.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com